Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2045CTP Datasheet (PDF) - ON Semiconductor

MBR2045CTP Datasheet PDF - ON Semiconductor
Part # MBR2045CTP
Download  MBR2045CTP Download
File Size   42.07 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODEE TM Power Rectifier

MBR2045CTP Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR2045CTP Datasheet PDF - ON Semiconductor

Part # MBR2045CTP
Download  MBR2045CTP Click to download

File Size   42.07 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SWITCHMODEE TM Power Rectifier

MBR2045CTP Datasheet (HTML) - ON Semiconductor


MBR2045CTP Product details

SCHOTTKY BARRIER RECTIFIER 20 AMPERES 45 VOLTS

. . . using the Schottky Barrier principle with a platinum barrier metal. These state–of–the–art devices have the following features:
• Guardring for Stress Protection
• Low Forward Voltage
• 150°C Operating Junction Temperature
• Epoxy Meets UL94, VO at 1/8″

Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.9 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
• Lead Temperature for Soldering Purposes: 260°C Max. for 10 Seconds
• Shipped 50 units per plastic tube
• Marking: B2045P

Peak Repetitive Reverse Voltage VRRM  45V
Working Peak Reverse Voltage    VRWM  45V
DC Blocking Voltage             VR    45V
Average Rectified Forward Current (Rated VR, TC = 135°C) IF(AV) 20 A




Similar Part No. - MBR2045CTP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2045CTP DIODES-MBR2045CTP Datasheet
86Kb / 4P
20A SCHOTTKY BARRIER RECTIFIER
DS31799 Rev. 3 - 2
logo
Vishay Siliconix
MBR2045CTP VISHAY-MBR2045CTP Datasheet
136Kb / 6P
Schottky Rectifier, 2 x 10 A
16-Mar-10
logo
Sangdest Microelectroni...
MBR2045CTP SMC-MBR2045CTP Datasheet
143Kb / 6P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBR2045CTP SMCDIODE-MBR2045CTP Datasheet
201Kb / 4P
MBR2045CTP SCHOTTKY RECTIFIER
Rev. C
logo
International Rectifier
MBR2045CTPBF IRF-MBR2045CTPBF Datasheet
173Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
More results


Similar Description - MBR2045CTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR210 ONSEMI-MUR210 Datasheet
42Kb / 8P
SWITCHMODEE Power Rectifier
September, 2000 ??Rev. 0
MBRP40030CTL ONSEMI-MBRP40030CTL Datasheet
65Kb / 8P
POWERTAP-TM II SWITCHMODE-TM Power Rectifier
October, 2000 ??Rev. 2
MURHD560T4 ONSEMI-MURHD560T4 Datasheet
58Kb / 5P
MEGAHERTZ TM Power Rectifier
December, 2005 ??Rev. 2
MBR1545CTP ONSEMI-MBR1545CTP Datasheet
42Kb / 4P
SWITCHMODEE TM Power Rectifier
May, 2001 ??Rev. 2
BYV32-200 ONSEMI-BYV32-200 Datasheet
54Kb / 5P
SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 2
BYW51-200 ONSEMI-BYW51-200 Datasheet
54Kb / 5P
SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 3
MUR210 ONSEMI-MUR210_06 Datasheet
55Kb / 5P
SWITCHMODE TM Power Rectifier
February, 2006 ??Rev. 1
MUR220 ONSEMI-MUR220_06 Datasheet
58Kb / 5P
SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 7
MUR240 ONSEMI-MUR240_06 Datasheet
55Kb / 5P
SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 6
MUR260 ONSEMI-MUR260_06 Datasheet
58Kb / 5P
SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com