Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2045CTP Datasheet (PDF) - SMC Diode Solutions Co. LTD

MBR2045CTP Datasheet PDF - SMC Diode Solutions Co. LTD
Part # MBR2045CTP
Download  MBR2045CTP Download
File Size   201.27 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description MBR2045CTP SCHOTTKY RECTIFIER

MBR2045CTP Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR2045CTP Datasheet PDF - SMC Diode Solutions Co. LTD

Part # MBR2045CTP
Download  MBR2045CTP Click to download

File Size   201.27 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description MBR2045CTP SCHOTTKY RECTIFIER

MBR2045CTP Datasheet (HTML) - SMC Diode Solutions Co. LTD


MBR2045CTP Product details

Features
150C TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced
mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Terminals finish: 100% Pure Tin
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request

Applications
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection




Similar Part No. - MBR2045CTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR2045CTP ONSEMI-MBR2045CTP Datasheet
42Kb / 4P
SWITCHMODEE TM Power Rectifier
May, 2001 ??Rev. 2
logo
Diodes Incorporated
MBR2045CTP DIODES-MBR2045CTP Datasheet
86Kb / 4P
20A SCHOTTKY BARRIER RECTIFIER
DS31799 Rev. 3 - 2
logo
Vishay Siliconix
MBR2045CTP VISHAY-MBR2045CTP Datasheet
136Kb / 6P
Schottky Rectifier, 2 x 10 A
16-Mar-10
logo
Sangdest Microelectroni...
MBR2045CTP SMC-MBR2045CTP Datasheet
143Kb / 6P
SCHOTTKY RECTIFIER
logo
International Rectifier
MBR2045CTPBF IRF-MBR2045CTPBF Datasheet
173Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
More results


Similar Description - MBR2045CTP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com