Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2045CTP Datasheet (PDF) - Diodes Incorporated

MBR2045CTP Datasheet PDF - Diodes Incorporated
Part # MBR2045CTP
Download  MBR2045CTP Download
File Size   86.4 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20A SCHOTTKY BARRIER RECTIFIER

MBR2045CTP Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR2045CTP Datasheet PDF - Diodes Incorporated

Part # MBR2045CTP
Download  MBR2045CTP Click to download

File Size   86.4 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20A SCHOTTKY BARRIER RECTIFIER

MBR2045CTP Datasheet (HTML) - Diodes Incorporated


MBR2045CTP Product details

Features
• Low Forward Voltage Drop
• Soft, Fast Switching Capability
• Schottky Barrier Chip
• ITO-220S Heat Sink Tab Electrically Isolated from Cathode
• UL Approval in Accordance with UL 1557, Reference No. E94661

Mechanical Data
• Case: ITO-220S
• Case Material: Molded Plastic, UL Flammability Classification Rating 94V-0
• Terminals: Matte Tin Finish annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208
• Weight: 1.335 grams (approximate)




Similar Part No. - MBR2045CTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR2045CTP ONSEMI-MBR2045CTP Datasheet
42Kb / 4P
SWITCHMODEE TM Power Rectifier
May, 2001 ??Rev. 2
logo
Vishay Siliconix
MBR2045CTP VISHAY-MBR2045CTP Datasheet
136Kb / 6P
Schottky Rectifier, 2 x 10 A
16-Mar-10
logo
Sangdest Microelectroni...
MBR2045CTP SMC-MBR2045CTP Datasheet
143Kb / 6P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBR2045CTP SMCDIODE-MBR2045CTP Datasheet
201Kb / 4P
MBR2045CTP SCHOTTKY RECTIFIER
Rev. C
logo
International Rectifier
MBR2045CTPBF IRF-MBR2045CTPBF Datasheet
173Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
More results


Similar Description - MBR2045CTP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
Shenzhen Luguang Electr...
MBR20150CTP LUGUANG-MBR20150CTP Datasheet
3Mb / 3P
20A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT_15 Datasheet
369Kb / 6P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBR2045CTP DIODES-MBR2045CTP_15 Datasheet
84Kb / 4P
20A SCHOTTKY BARRIER RECTIFIER
Rev 5
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
20A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
MBR20100CT CHONGQING-MBR20100CT Datasheet
213Kb / 1P
20A Schottky Barrier Rectifier
logo
DIYI Electronic Technol...
MBR20H200CT DYELEC-MBR20H200CT Datasheet
1Mb / 4P
20A SCHOTTKY BARRIER RECTIFIER
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
20A SCHOTTKY BARRIER RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com