Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2045CTP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR2045CTP
Description  20A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR2045CTP Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR2045CTP Datasheet HTML 1Page - Diodes Incorporated MBR2045CTP Datasheet HTML 2Page - Diodes Incorporated MBR2045CTP Datasheet HTML 3Page - Diodes Incorporated MBR2045CTP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MBR2045CTP
Document number: DS31799 Rev. 3 - 2
1 of 4
www.diodes.com
December 2010
© Diodes Incorporated
MBR2045CTP
20A SCHOTTKY BARRIER RECTIFIER
Features
•
Low Forward Voltage Drop
•
Soft, Fast Switching Capability
•
Schottky Barrier Chip
•
ITO-220S Heat Sink Tab Electrically Isolated from Cathode
•
UL Approval in Accordance with UL 1557, Reference No.
E94661
Mechanical Data
•
Case: ITO-220S
•
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
•
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 1.335 grams (approximate)
Ordering Information (Note 1)
Part Number
Case
Packaging
MBR2045CTP
ITO-220S
50 pieces/tube
Notes:
1. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Package Pin Out
Configuration
Top View
1
2
3
4
Anode
Common
Cathode
Anode
Isolated
Bottom View
MBR2045CTP = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 09 = 2009)
WW = Week (01 - 53)
2045CTP
YYWW
AB
MBR


Similar Part No. - MBR2045CTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR2045CTP ONSEMI-MBR2045CTP Datasheet
42Kb / 4P
SWITCHMODEE TM Power Rectifier
May, 2001 ??Rev. 2
logo
Vishay Siliconix
MBR2045CTP VISHAY-MBR2045CTP Datasheet
136Kb / 6P
Schottky Rectifier, 2 x 10 A
16-Mar-10
logo
Sangdest Microelectroni...
MBR2045CTP SMC-MBR2045CTP Datasheet
143Kb / 6P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBR2045CTP SMCDIODE-MBR2045CTP Datasheet
201Kb / 4P
MBR2045CTP SCHOTTKY RECTIFIER
Rev. C
logo
International Rectifier
MBR2045CTPBF IRF-MBR2045CTPBF Datasheet
173Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
More results

Similar Description - MBR2045CTP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
Shenzhen Luguang Electr...
MBR20150CTP LUGUANG-MBR20150CTP Datasheet
3Mb / 3P
20A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT_15 Datasheet
369Kb / 6P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBR2045CTP DIODES-MBR2045CTP_15 Datasheet
84Kb / 4P
20A SCHOTTKY BARRIER RECTIFIER
Rev 5
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
20A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
MBR20100CT CHONGQING-MBR20100CT Datasheet
213Kb / 1P
20A Schottky Barrier Rectifier
logo
DIYI Electronic Technol...
MBR20H200CT DYELEC-MBR20H200CT Datasheet
1Mb / 4P
20A SCHOTTKY BARRIER RECTIFIER
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com