Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6498 Datasheet (PDF) - STMicroelectronics

L6498 Datasheet PDF - STMicroelectronics
Part # L6498
Download  L6498 Download
File Size   776.83 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage high and low-side 2 A gate driver

L6498 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6498 Datasheet PDF - STMicroelectronics

Part # L6498
Download  L6498 Click to download

File Size   776.83 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage high and low-side 2 A gate driver

L6498 Datasheet (HTML) - STMicroelectronics


L6498 Product details

Features
 Transient withstand voltage 600 V
 dV/dt immunity ± 50 V/ns in full temperature
range
 Driver current capability:
– 2 A source typ. at 25 °C
– 2.5 A sink typ. at 25 °C
 Short propagation delay: 85 ns
 Switching times 25 ns rise/fall with 1 nF load
 3.3 V, 5 V TTL/CMOS inputs with hysteresis
 Integrated bootstrap diode
 Interlocking function
 UVLO on both high-side and low-side sections
 Compact and simplified layout
 Bill of material reduction
 Flexible, easy and fast design

Description
The L6498 is a high voltage device manufactured
with the BCD6 “OFF-LINE” technology. It is a
single chip half-bridge gate driver for the
N-channel power MOSFET or IGBT.
The high-side (floating) section is designed to
stand a DC voltage rail up to 500 V, with 600 V
transient withstand voltage. The logic inputs are
CMOS/TTL compatible down to 3.3 V for easy
interfacing control units such as microcontrollers
or DSP.
Both device outputs can sink 2.5 A and source 2
A, making the L6498 particularly suited for
medium and high capacity power
MOSFETsIGBTs.
The outputs cannot be simultaneously driven high
thanks to an integrated interlocking function.
The independent UVLO protection circuits
present on both the lower and upper driving
sections prevent the power switches from being
operated in low efficiency or dangerous
conditions.
The integrated bootstrap diode as well as all of
the integrated features of this driver make the
application PCB design simpler and more
compact, and help to reduce the overall bill of
material.

Applications
 Motor driver for home appliances, factory
automation, industrial drives and fans
 HID ballasts
 Power supply units
 DC-DC converters
 Induction heating
 Wireless chargers
 Industrial inverters
 UPS
 Welding




Similar Part No. - L6498

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6491 STMICROELECTRONICS-L6491 Datasheet
844Kb / 24P
Power supply unit
11-Mar-2015
L6491 STMICROELECTRONICS-L6491 Datasheet
2Mb / 9P
5 kW low voltage high current inverter for industrial motor control applications
16-Oct-2018
L6491D STMICROELECTRONICS-L6491D Datasheet
844Kb / 24P
Power supply unit
11-Mar-2015
L6491DTR STMICROELECTRONICS-L6491DTR Datasheet
844Kb / 24P
Power supply unit
11-Mar-2015
L6494 STMICROELECTRONICS-L6494 Datasheet
451Kb / 18P
High voltage high and low-side 2 A gate driver
14-Nov-2017
More results


Similar Description - L6498

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
High Voltage High Side and Low Side Gate Driver
logo
Diodes Incorporated
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
logo
STMicroelectronics
L6494 STMICROELECTRONICS-L6494 Datasheet
451Kb / 18P
High voltage high and low-side 2 A gate driver
14-Nov-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com