Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6498 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6498
Description  High voltage high and low-side 2 A gate driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6498 Datasheet(HTML) 5 Page - STMicroelectronics

  L6498 Datasheet HTML 1Page - STMicroelectronics L6498 Datasheet HTML 2Page - STMicroelectronics L6498 Datasheet HTML 3Page - STMicroelectronics L6498 Datasheet HTML 4Page - STMicroelectronics L6498 Datasheet HTML 5Page - STMicroelectronics L6498 Datasheet HTML 6Page - STMicroelectronics L6498 Datasheet HTML 7Page - STMicroelectronics L6498 Datasheet HTML 8Page - STMicroelectronics L6498 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DocID030318 Rev 3
5/20
L6498
Electrical data
20
3
Electrical data
3.1
Absolute maximum ratings
3.2
Thermal data
Table 2. Absolute maximum ratings(1)
1. Each voltage referred to GND\SGND unless otherwise specified.
Symbol
Parameter
Value
Unit
Min.
Max.
VCC
Supply voltage
-0.3
21
V
VPGND
Low-side driver ground
VCC - 21
VCC + 0.3
V
VOUT
Output voltage
VBOOT - 21
VBOOT + 0.3
V
VBOOT
Boot DC voltage
-0.3
500
V
Boot transient withstand voltage (Tpulse < 1 ms)
-
620
V
Vhvg
High-side gate output voltage
VOUT - 0.3
VBOOT + 0.3
V
Vlvg
Low-side gate output voltage
(P)GND - 0.3
VCC + 0.3
V
Vi
Logic input pins voltage
-0.3
15
V
dVOUT/dt Allowed output slew rate
-
50
V/ns
PTOT
Total power dissipation (TA = 25 °C) SO-14
-
1
W
TJ
Junction temperature
-
150
°C
Tstg
Storage temperature
-50
150
°C
ESD
Human body model
2
kV
Table 3. Thermal data
Symbol
Parameter
Package
Value
Unit
Rth(JA)
Thermal resistance junction to ambient
SO-8
185
°C/W
SO-14
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com