Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6498 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6498
Description  High voltage high and low-side 2 A gate driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6498 Datasheet(HTML) 4 Page - STMicroelectronics

  L6498 Datasheet HTML 1Page - STMicroelectronics L6498 Datasheet HTML 2Page - STMicroelectronics L6498 Datasheet HTML 3Page - STMicroelectronics L6498 Datasheet HTML 4Page - STMicroelectronics L6498 Datasheet HTML 5Page - STMicroelectronics L6498 Datasheet HTML 6Page - STMicroelectronics L6498 Datasheet HTML 7Page - STMicroelectronics L6498 Datasheet HTML 8Page - STMicroelectronics L6498 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin description and connection diagram
L6498
4/20
DocID030318 Rev 3
2
Pin description and connection diagram
Figure 3. Pin connection SO-8 (top view)
Figure 4. Pin connection SO-14 (top view)
Table 1. Pin description
Pin no.
Pin name
Type
Function
SO-8
SO-14
1
1
HIN
I
High-side driver logic input (active high)
2
2
LIN
I
Low-side driver logic input (active high)
3
-
GND
P
Device ground
46
LVG(1)
1. The circuit guarantees less than 1 V on the LVG and HVG pins (at Isink = 10 mA), with VCC > 3 V. This
allows omitting the “bleeder” resistor connected between the gate and the source of the external MOSFET
normally used to hold the pin low.
O
Low-side driver output
5
7
VCC
P
Lower section supply voltage
6
11
OUT
P
High-side (floating) common voltage
712
HVG(1)
O
High-side driver output
8
13
BOOT
P
Bootstrapped supply voltage
-
3
SGND
P
Signal ground
-
5
PGND
P
Power ground
-
4, 8, 9, 10, 14
NC
-
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com