Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8231B Datasheet (PDF) - Richtek Technology Corporation

RT8231B Datasheet PDF - Richtek Technology Corporation
Part # RT8231B
Download  RT8231B Download
File Size   306.53 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Complete DDR Memory Power Supply Controller

RT8231B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8231B Datasheet PDF - Richtek Technology Corporation

Part # RT8231B
Download  RT8231B Click to download

File Size   306.53 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Complete DDR Memory Power Supply Controller

RT8231B Datasheet (HTML) - Richtek Technology Corporation


RT8231B Product details

General Description
The RT8231A/B provides a complete power supply for
DDR2/DDR3/DDR3L/LPDDR3/DDR4/LPDDR4 memory
systems. It integrates a synchronous PWM Buck
controller with a 1.5A sink/source tracking linear regulator
and buffered low noise reference.
The PWM controller provides the low quiescent current,
high efficiency, excellent transient response, and high DC
output accuracy needed for stepping down high-voltage
batteries to generate low-voltage chipset RAM supplies
in notebook computers. The constant on-time PWM
control scheme handles wide input/output voltage ratios
with ease and provides 100ns “instant-on” response to
load transients while maintaining a relatively constant
switching frequency.
The RT8231A/B achieves high efficiency at a reduced cost
by eliminating the current-sense resistor found in
traditional current mode PWMs. Efficiency is further
enhanced by its ability to drive very large synchronous
rectifier MOSFETs. The Buck conversion allows this device
to directly step down high-voltage batteries for the highest
possible efficiency.
The 1.5A sink/source LDO maintains fast transient
response only requiring a 10μF ceramic output capacitor.
In addition, the LDO supply input is available externally
to significantly reduce the total power losses. The
RT8231A/B supports all of the sleep state controls placing
VTT at high-Z in S3 and discharging VDDQ, VTT and
VTTREF (soft-off) in S4/S5.
The RT8231A/B provides protections including OVP, UVP,
and thermal shutdown. The RT8231A/B is available in the
WQFN-20L 3x3 package.

Applications
 DDR2/DDR3/DDR3L/LPDDR3/DDR4/LPDDR4 Memory
Power Supplies
 Notebook computers
 SSTL18, SSTL15 and HSTL bus termination




Similar Part No. - RT8231B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8230A RICHTEK-RT8230A Datasheet
225Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
RT8237E RICHTEK-RT8237E Datasheet
225Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
RT8237EZQW RICHTEK-RT8237EZQW Datasheet
225Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
RT8237L RICHTEK-RT8237L Datasheet
809Kb / 23P
High Efficiency Single Synchronous Buck PWM Controller
November 2023
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
Single Synchronous Buck PWM Controller
More results


Similar Description - RT8231B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
DDR and DDR Memory VTT power Supply Controller
SC1480 SEMTECH-SC1480 Datasheet
533Kb / 22P
DDR Memory Power Supply Controller
logo
STMicroelectronics
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
Complete DDR2/3 memory power supply controller
01-Mar-2007
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
Complete DDR2/3 memory power supply controller
06-Feb-2008
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B_08 Datasheet
977Kb / 72P
SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B_10 Datasheet
984Kb / 72P
SDRAM/DDR Memory Controller
logo
Richtek Technology Corp...
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
Complete DDRII/DDRIII Memory Power Supply Controller
logo
STMicroelectronics
AN2798 STMICROELECTRONICS-AN2798 Datasheet
1Mb / 38P
Complete DDR2/3 memory power supply
04-Nov-2008
logo
Richtek Technology Corp...
RT8207L RICHTEK-RT8207L Datasheet
342Kb / 27P
Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
Complete DDR Memory Power Supply Controller
April 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com