Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIP31066 Datasheet (PDF) - List of Unclassifed Manufacturers

AIP31066 Datasheet PDF - List of Unclassifed Manufacturers
Part # AIP31066
Download  AIP31066 Download
File Size   1437.54 Kbytes
Page   29 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16COM / 40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD

AIP31066 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIP31066 Datasheet PDF - List of Unclassifed Manufacturers

Part # AIP31066
Download  AIP31066 Click to download

File Size   1437.54 Kbytes
Page   29 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16COM / 40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD

AIP31066 Datasheet (HTML) - List of Unclassifed Manufacturers


AIP31066 Product details

DESCRIPTION
AIP31066 is a dot matrix LCD driver & controller LSI whichis fabricated by low power CMOS technology.
It can display 1or 2 lines with the 5×8 dots format or 1 line with the 5×11 dots format.

FEATRUES
• Character type dot matrix LCD driver & controller.
• Internal driver: 16 common and 40 segment signal output.
• Easy interface with 4-bit or 8-bit MPU.
• Display character pattern: 5×8 dots format (208 kinds) & 5×11 dots format (32 kinds).
• The Special character pattern is directly programmable by the Character Generator RAM.
• A customer character pattern is programmable by mask option.
• Programmable Driving Method by the same character font mask option: Display Waveform A-type and B-type
• It can drive a maximum at 80 characters by using the AIP31065 or AIP31063 externally.
• Various instruction functions.
• Built-in automatic power on reset.
•Internal Memory
- Character Generator ROM (CGROM): 10,080 bits (204 characters×5×8 dots) & (32 characters×5×11 dots)
- Character Generator RAM (CGRAM): 64×8 bits (8 characters×5×8 dots)
- Display Data RAM (DDRAM): 80×8 bits (80 characters max.)
• Low power operation
- Power supply voltage range (VDD): 2.7 to 5.5 V
- LCD Drive voltage range (VDD-V5): 3.0 to 13.0 V
• CMOS process
• Programmable duty cycle: 1/8, 1/11, 1/16
• Internal oscillator with external resistor
• Low power consumption
• Chip size: 2110*2030 (um *um). The IC substrate should be connected to VDD in the PCB layout artwork.
• 80 QFP or bare chip available




Similar Part No. - AIP31066

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AIP3D05A060Q4 AOSMD-AIP3D05A060Q4 Datasheet
1Mb / 14P
Dual-In-Line Package Intelligent Power Module
Rev.1.0 January 2021
AIP3D05A060Q4N AOSMD-AIP3D05A060Q4N Datasheet
1Mb / 14P
Dual-In-Line Package Intelligent Power Module
Rev.1.0 January 2021
AIP3D10A060Q6 AOSMD-AIP3D10A060Q6 Datasheet
1Mb / 15P
Dual-In-Line Package Intelligent Power Module
Rev.1.0 March 2021
AIP3D10A060Q6N AOSMD-AIP3D10A060Q6N Datasheet
1Mb / 15P
Dual-In-Line Package Intelligent Power Module
Rev.1.0 March 2021
AIP3D15A060Q4 AOSMD-AIP3D15A060Q4 Datasheet
2Mb / 17P
Dual-In-Line Package Intelligent Power Module
Rev.1.1 June 2021
More results


Similar Description - AIP31066

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Samsung semiconductor
KS0066U SAMSUNG-KS0066U Datasheet
540Kb / 33P
16COM / 40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0068B SAMSUNG-KS0068B Datasheet
308Kb / 22P
16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0070B SAMSUNG-KS0070B Datasheet
566Kb / 42P
16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0072 SAMSUNG-S6A0072 Datasheet
268Kb / 32P
16COM/40SEG DOT MATRIX LCD CONTROLLER & DRIVER
logo
List of Unclassifed Man...
SPLC780D ETC1-SPLC780D Datasheet
851Kb / 48P
16COM/40SEG Controller/Driver
SPLC782A ETC1-SPLC782A Datasheet
1Mb / 40P
16COM/40SEG Controller/Driver
logo
Samsung semiconductor
KS0076B SAMSUNG-KS0076B Datasheet
272Kb / 17P
16COM/40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A2068 SAMSUNG-S6A2068 Datasheet
138Kb / 22P
16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com