Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS0076B Datasheet (PDF) - Samsung semiconductor

KS0076B Datasheet PDF - Samsung semiconductor
Part # KS0076B
Download  KS0076B Download
File Size   272.87 Kbytes
Page   17 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 16COM/40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD

KS0076B Datasheet (PDF)

Go To PDF Page Download Datasheet
KS0076B Datasheet PDF - Samsung semiconductor

Part # KS0076B
Download  KS0076B Click to download

File Size   272.87 Kbytes
Page   17 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 16COM/40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD

KS0076B Datasheet (HTML) - Samsung semiconductor


KS0076B Product details

INTRODUCTION

The KS0076B is a dot matrix LCD driver & controller LSl which is fabricated by low power CMOS technology.



FEATURES

· Wave form: M signal B type

· Internal Memory

   - Character Generator ROM: 8320bits

   - Character Generator RAM: 512 bits

   - Display Data RAM: 80 x 8bits for 80 digits.

· Power supply Voltage; +5V±10%

· Supply voltage for display : 0V(V5)

· CMOS process

· 1/8 duty, 1/11 duty or 1/16 duty: selectable (1/8 duty; 5x7 dots format 1 line, 1/11 duty; 5x10 dots format 1 line, 1/16 duty: 5x7 dots format 2 line)

· 80 QFP or bare chip available .



FUNCTION

· Character type dot matrix LCD driver & controller

· Internal driver: 16 common and 40 segment signal output.

· Display character format; 5 x 7 dot + cursor, 5 x 10 dots + cursor

· Easy Interface with a 4-bit or 8-bit MPU

· Display character pattern: 5 x 7 dots format: 192 kinds, 5 x 10 dots format: 32 kinds

· The special character pattern can be programmable by character generator RAM directly.

· A customer character pattern can be programmable by mask option.(KS0076B-00 : Standard type)

· Automatic power on reset function.

· It can drive a maximum 80 characters by using the KS0065B or KS0063 externally.

· It is possible to read both Character Generator and Display Data RAM from MPU.



 




Similar Part No. - KS0076B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0070 SAMSUNG-KS0070 Datasheet
566Kb / 42P
16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0070B SAMSUNG-KS0070B Datasheet
566Kb / 42P
16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0071B SAMSUNG-KS0071B Datasheet
217Kb / 18P
32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0072 SAMSUNG-KS0072 Datasheet
300Kb / 32P
DOT MATRIX LCD CONTROLLER & DRIVER
KS0073 SAMSUNG-KS0073 Datasheet
923Kb / 78P
34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
More results


Similar Description - KS0076B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Samsung semiconductor
KS0066U SAMSUNG-KS0066U Datasheet
540Kb / 33P
16COM / 40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0068B SAMSUNG-KS0068B Datasheet
308Kb / 22P
16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0070B SAMSUNG-KS0070B Datasheet
566Kb / 42P
16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0072 SAMSUNG-S6A0072 Datasheet
268Kb / 32P
16COM/40SEG DOT MATRIX LCD CONTROLLER & DRIVER
logo
List of Unclassifed Man...
SPLC780D ETC1-SPLC780D Datasheet
851Kb / 48P
16COM/40SEG Controller/Driver
SPLC782A ETC1-SPLC782A Datasheet
1Mb / 40P
16COM/40SEG Controller/Driver
logo
Samsung semiconductor
S6A2068 SAMSUNG-S6A2068 Datasheet
138Kb / 22P
16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
AIP31066 ETC-AIP31066 Datasheet
1Mb / 29P
16COM / 40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com