Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1790 Datasheet (PDF) - Renesas Technology Corp

IW1790 Datasheet PDF - Renesas Technology Corp
Part # IW1790
Download  IW1790 Download
File Size   550.43 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology

IW1790 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW1790 Datasheet PDF - Renesas Technology Corp

Part # IW1790
Download  IW1790 Click to download

File Size   550.43 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology

IW1790 Datasheet (HTML) - Renesas Technology Corp


IW1790 Product details

● Integrated XM-Comm technology eliminates
secondary-to-primary optocoupler
● Transformer communication for all the rapid charge
information: output voltage request, output current
limit, output voltage undershoot, and over-voltage
protection
● Source charging VCC technology eliminates the active
start-up (ASU) and maintain ultra-low no-load power
consumption (< 20mW) at 230VAC with typical 5V/2A
output setting
● High VCC pin voltage rating eliminates external VCC LDO
● Tight multi-level constant-voltage and multi-level
constant-current regulation with primary-side feedback
and control
● Fast dynamic load response (DLR)
● Proprietary optimized load adaptive maximum constant
frequency PWM switching with quasi-resonant
operation achieves best size, efficiency, and common
mode noise
● Multi-mode PWM/PFM control improves efficiency at
various load conditions
● User-configurable 4-level cable drop compensation
independent of output voltage
● EZ-EMI® design enhances manufacturability
● Built-in single-point fault protections against output
short-circuit including soft short and half short, output
over-voltage, and output over-current
● SmartDefender+TM control technology addresses
issues of soft shorts in cables and connectors by
effectively reducing the average output power at fault
conditions without latch
● Dual over-temperature protection with both internal
OTP and external shutdown control
● No audible noise over entire operating range
● Supports rapid charge technologies, such as AFC,
QC 2.0 and 3.0 technologies, FCP, etc.




Similar Part No. - IW1790

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1790 DIALOG-IW1790 Datasheet
471Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM
More results


Similar Description - IW1790

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
Primary Side PWM Controller
logo
Shenzhen Winsemi Microe...
WS2268 WINSEMI-WS2268 Datasheet
226Kb / 8P
Primary Side AC/DC Controller
logo
Dialog Semiconductor
IW1790 DIALOG-IW1790 Datasheet
471Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM
IW1791 DIALOG-IW1791 Datasheet
462Kb / 6P
AC/DC Primary-Side Rapid ChargeTM PWM Controller
logo
Renesas Technology Corp
IW1791 RENESAS-IW1791 Datasheet
740Kb / 7P
AC/DC Primary-Side Rapid ChargeTM PWM Controller with High Resolution Voltage/Current Control
26-Jan-2022
IW1796 RENESAS-IW1796 Datasheet
589Kb / 6P
High Performance AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
10-Feb-2022
IW1797 RENESAS-IW1797 Datasheet
541Kb / 6P
AC/DC Primary-Side DLNK Rapid ChargeTM Controller with High Performance Voltage/Current Control
10-Feb-2022
IW1798 RENESAS-IW1798 Datasheet
507Kb / 6P
High Performance AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
30-Jan-2022
IW1799 RENESAS-IW1799 Datasheet
674Kb / 6P
AC/DC Primary-Side DLNK Rapid ChargeTM Controller with High Performance Voltage/Current Control
10-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com