Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1796 Datasheet (PDF) - Renesas Technology Corp

IW1796 Datasheet PDF - Renesas Technology Corp
Part # IW1796
Download  IW1796 Download
File Size   589.05 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology

IW1796 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW1796 Datasheet PDF - Renesas Technology Corp

Part # IW1796
Download  IW1796 Click to download

File Size   589.05 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology

IW1796 Datasheet (HTML) - Renesas Technology Corp


IW1796 Product details

■ Supports 45W or up application circuit designs
■ Integrated XM-Comm technology eliminates
secondary-to-primary optocoupler
□ Transformer communication for all the rapid charge
information: output voltage request, output current
limit, output voltage undershoot, and over-voltage
protection
■ RC charging VCC technology enables ultra-low noload
power of <75mW with ample margin at 230VAC
and 5V output voltage setting
□ <20mW achievable (at 230VAC/5VOUT) with an
external active startup circuit
■ High VCC pin voltage rating eliminates external VCC LDO
■ Tight multi-level constant-voltage and multi-level
constant-current regulation with primary-side feedback and control
■ Fast dynamic load response (DLR)
■ Proprietary optimized load adaptive maximum constant
frequency PWM switching with quasi-resonant operation
achieves best size, efficiency, and common mode noise
■ Multi-mode PWM/PFM control improves efficiency at
various load conditions
■ User-configurable 4-level cable drop compensation
independent of output voltage
■ EZ-EMI TM design enhances manufacturability
■ Built-in single-point fault protections against output
short-circuit including soft short and half short, output
over-voltage, and output over-current
■ Advanced fault control technology addresses issues
of soft shorts in cables and connectors by effectively
reducing the average output power at fault conditions
without latch
■ Over-temperature protection with internal OTP control
■ No audible noise over entire operating range
■ Supports rapid charge technologies, such as QC 2.0
and 3.0 technologies, etc.




Similar Part No. - IW1796

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1790 DIALOG-IW1790 Datasheet
471Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM
logo
Renesas Technology Corp
IW1790 RENESAS-IW1790 Datasheet
550Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
26-Jan-2022
IW1790-00 RENESAS-IW1790-00 Datasheet
550Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
26-Jan-2022
IW1790-07 RENESAS-IW1790-07 Datasheet
550Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
26-Jan-2022
IW1790-08 RENESAS-IW1790-08 Datasheet
550Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
26-Jan-2022
More results


Similar Description - IW1796

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
logo
Shenzhen Winsemi Microe...
WS2268 WINSEMI-WS2268 Datasheet
226Kb / 8P
Primary Side AC/DC Controller
logo
Dialog Semiconductor
IW1790 DIALOG-IW1790 Datasheet
471Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM
IW1791 DIALOG-IW1791 Datasheet
462Kb / 6P
AC/DC Primary-Side Rapid ChargeTM PWM Controller
logo
AiT Semiconductor Inc.
AP8836 AITSEMI-AP8836 Datasheet
586Kb / 15P
AC-DC PWM CONTROLLER HIGH PRECISION CC/CV PRIMARY-SIDE CONVERTER
REV1.1
logo
Renesas Technology Corp
IW1790 RENESAS-IW1790 Datasheet
550Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
26-Jan-2022
IW1791 RENESAS-IW1791 Datasheet
740Kb / 7P
AC/DC Primary-Side Rapid ChargeTM PWM Controller with High Resolution Voltage/Current Control
26-Jan-2022
IW1797 RENESAS-IW1797 Datasheet
541Kb / 6P
AC/DC Primary-Side DLNK Rapid ChargeTM Controller with High Performance Voltage/Current Control
10-Feb-2022
IW1798 RENESAS-IW1798 Datasheet
507Kb / 6P
High Performance AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
30-Jan-2022
IW1799 RENESAS-IW1799 Datasheet
674Kb / 6P
AC/DC Primary-Side DLNK Rapid ChargeTM Controller with High Performance Voltage/Current Control
10-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com