Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1797 Datasheet (PDF) - Renesas Technology Corp

IW1797 Datasheet PDF - Renesas Technology Corp
Part # IW1797
Download  IW1797 Download
File Size   541.56 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AC/DC Primary-Side DLNK Rapid ChargeTM Controller with High Performance Voltage/Current Control

IW1797 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW1797 Datasheet PDF - Renesas Technology Corp

Part # IW1797
Download  IW1797 Click to download

File Size   541.56 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AC/DC Primary-Side DLNK Rapid ChargeTM Controller with High Performance Voltage/Current Control

IW1797 Datasheet (HTML) - Renesas Technology Corp


IW1797 Product details

■ Supports 45W or up application circuit designs
■ Supports 10mV DLNK voltage step requests required
by USB PD programmable power supply (PPS) or
other proprietary rapid charge protocols
■ RC charging VCC technology enables ultra-low noload
power of <75mW with ample margin at 230VAC
and 5V output voltage setting
□ <20mW achievable (at 230VAC/5VOUT) with an
external active startup circuit
■ High VCC pin voltage rating eliminates external VCC LDO
■ Tight multi-level constant-voltage and multi-level
constant-current regulation with primary-side feedback and control
■ Proprietary optimized load adaptive maximum
constant frequency PWM switching with quasiresonant
operation achieves best size, efficiency, and
common mode noise
■ Backward compatible with QC2.0/3.0 and other
proprietary rapid charge protocols with secondary-side
interface circuits
■ Multi-mode PWM/PFM control improves efficiency at
various load conditions
■ No audible noise over entire operating range
■ User-configurable 4-level cable drop compensation
independent of output voltage
■ Proprietary secondary-to-primary digital
communication with single optocoupler for all the
rapid charge information:
□ Output voltage request
□ Output current limit
□ Output voltage undershoot detection for fast
dynamic load response
□ Over-voltage protection
■ EZ-EMITM design enhances manufacturability
■ Built-in single-point fault protections against output
short-circuit including soft short and half short, output
over-voltage, and output over-current
■ Advanced fault control technology addresses issues
of soft shorts in cables and connectors by effectively
reducing the average output power at fault conditions
without latch
■ Over-temperature protection with internal OTP control




Similar Part No. - IW1797

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1790 DIALOG-IW1790 Datasheet
471Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM
logo
Renesas Technology Corp
IW1790 RENESAS-IW1790 Datasheet
550Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
26-Jan-2022
IW1790-00 RENESAS-IW1790-00 Datasheet
550Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
26-Jan-2022
IW1790-07 RENESAS-IW1790-07 Datasheet
550Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
26-Jan-2022
IW1790-08 RENESAS-IW1790-08 Datasheet
550Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
26-Jan-2022
More results


Similar Description - IW1797

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS2268 WINSEMI-WS2268 Datasheet
226Kb / 8P
Primary Side AC/DC Controller
logo
Dialog Semiconductor
IW1790 DIALOG-IW1790 Datasheet
471Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM
IW1791 DIALOG-IW1791 Datasheet
462Kb / 6P
AC/DC Primary-Side Rapid ChargeTM PWM Controller
logo
Renesas Technology Corp
IW1781 RENESAS-IW1781 Datasheet
541Kb / 6P
Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller with High Resolution Voltage/Current Control
26-Jan-2022
IW1790 RENESAS-IW1790 Datasheet
550Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
26-Jan-2022
IW1791 RENESAS-IW1791 Datasheet
740Kb / 7P
AC/DC Primary-Side Rapid ChargeTM PWM Controller with High Resolution Voltage/Current Control
26-Jan-2022
IW1796 RENESAS-IW1796 Datasheet
589Kb / 6P
High Performance AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
10-Feb-2022
IW1798 RENESAS-IW1798 Datasheet
507Kb / 6P
High Performance AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
30-Jan-2022
IW1799 RENESAS-IW1799 Datasheet
674Kb / 6P
AC/DC Primary-Side DLNK Rapid ChargeTM Controller with High Performance Voltage/Current Control
10-Feb-2022
logo
CHIPLINK SEMICONDUCTOR
CL1226 CHIPLINK-CL1226 Datasheet
363Kb / 7P
Primary side control high precision constant current controller
2013-5-22
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com