Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU0808C110 Datasheet (PDF) - Lumics GmbH

LU0808C110 Datasheet PDF - Lumics GmbH
Part # LU0808C110
Download  LU0808C110 Download
File Size   686.09 Kbytes
Page   3 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description LU0785C and LU0808C Diode Laser Up to 110 W c.w. Operating Power @ 785 nm or 808 nm

LU0808C110 Datasheet (PDF)

Go To PDF Page Download Datasheet
LU0808C110 Datasheet PDF - Lumics GmbH

Part # LU0808C110
Download  LU0808C110 Click to download

File Size   686.09 Kbytes
Page   3 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description LU0785C and LU0808C Diode Laser Up to 110 W c.w. Operating Power @ 785 nm or 808 nm

LU0808C110 Datasheet (HTML) - Lumics GmbH


LU0808C110 Product details

Description:
The LuOcean™ P2 Diode Laser series offers OEM
integrators an excellent product to manufacture state-of-
the-art end user laser systems. The easy integration and
safe use of these laser components give the chance to be
cost-efficient in development and manufacturing. Equipped
with several accessories and features the Lumics diode lasers
comply with CE & ROHS requirements. Lumics warranties
highest reliability single emitter technology through careful
design, extensive burn-in, long life-time & thermal testing.

Features & Functions:
Wavelength 785 nm or 808 nm
Fiber: 105, 200, 400 or 600 µm
SMA905
Sealed housing
Temperature sensor




Similar Part No. - LU0808C110

ManufacturerPart #DatasheetDescription
logo
Lumics GmbH
LU0808C LUMICS-LU0808C Datasheet
686Kb / 3P
LU0808C Diode Laser Up to 230 W c.w. Operating Power @ 808 nm
2018-08-20
LU0808C230 LUMICS-LU0808C230 Datasheet
686Kb / 3P
LU0808C Diode Laser Up to 230 W c.w. Operating Power @ 808 nm
2018-08-20
More results


Similar Description - LU0808C110

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
L4-2495-001 JDSU-L4-2495-001 Datasheet
224Kb / 5P
High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser
logo
Lumics GmbH
LU0975M500 LUMICS-LU0975M500 Datasheet
159Kb / 2P
975 nm Single Mode Laser Module up to 500 mW c.w. Operating Power
2020-11-24
LU0808 LUMICS-LU0808 Datasheet
685Kb / 3P
LU0808/1470C Diode Laser Mixed Wavelength up to 45 W @ 808 nm and 35 W @ 1470 nm
2018-08-20
LU0808C230 LUMICS-LU0808C230 Datasheet
686Kb / 3P
LU0808C Diode Laser Up to 230 W c.w. Operating Power @ 808 nm
2018-08-20
LU0890C110 LUMICS-LU0890C110 Datasheet
597Kb / 3P
LU0890C Diode Laser Up to 110 W c.w. Operating Power @ 890 nm
2018-08-20
LU09XXC270 LUMICS-LU09XXC270 Datasheet
686Kb / 3P
LU09xxC Diode Laser Up to 270 W c.w. Operating Power @ 940 nm or 976 nm
2021-02-16
LU1064C230 LUMICS-LU1064C230 Datasheet
685Kb / 3P
LU1064C Diode Laser Up to 230 W c.w. Operating Power @ 1064 nm
2018-08-20
LU1470C075 LUMICS-LU1470C075 Datasheet
685Kb / 3P
LU1470C Diode Laser Up to 75 W c.w. Operating Power @ 1470 nm
2018-08-20
LUXXXCYYY LUMICS-LUXXXCYYY Datasheet
336Kb / 3P
Diode Laser @ 760 nm - 1470 nm up to 270 W
2022-01-10
LUXXXXDYYY-U LUMICS-LUXXXXDYYY-U Datasheet
4Mb / 3P
Diode Laser @ 670 nm - 1940 nm up to 70 w
2022-01-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com