Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVYL Datasheet (PDF) - Stackpole Electronics, Inc.

AVYL Datasheet PDF - Stackpole Electronics, Inc.
Part # AVYL
Download  AVYL Download
File Size   969.73 Kbytes
Page   5 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Automotive Leaded Varistor

AVYL Datasheet (PDF)

Go To PDF Page Download Datasheet
AVYL Datasheet PDF - Stackpole Electronics, Inc.

Part # AVYL
Download  AVYL Click to download

File Size   969.73 Kbytes
Page   5 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Automotive Leaded Varistor

AVYL Datasheet (HTML) - Stackpole Electronics, Inc.


AVYL Product details

Description:
Almost all electronic systems in internal-combustion powered vehicles, e.g., antilock
brakes, direct ignition, airbag control, wiper motors, etc. are susceptible to
damage from destructive voltage transients.
Stackpole AVL Series of leaded automotive varistors includes both multilayer and
single layer components, defined by WLD capability. Multilayer devices are intended
WLD applications requiring up to 50 joules of energy, and single layer discs are for
WLD applications requiring above 50 joules of energy.
Automotive multilayer varistors offer excellent transient energy absorption due to improved internal energy distribution.
Compared to an equivalent automotive disc varistor, they offer better electrical characteristic in much smaller size.
Automotive disc varistors are specifically designed and used in applications requiring higher levels of WLD energy
absorption, which MLV devices are incapable of handling.

Features:
• AC operating voltage range (Vrms) from 14V to 40V
• DC operating voltage (Vdc) from 16V to 56V
Higher operating voltages are available upon request
• Power supply voltages (Vdc) 12V, 24V and 42V
• Broad range of current and energy handling
capabilities realized with either type of construction
• AVYL high temperature product will have performance
characteristics different from the AVL listed here.
Contact Stackpole for specific details.
• In-line leads on automotive MLV varistors
• MLV varistors: +125ºC continuous operating temperature is available upon request
(+150ºC for AVYL)
• WLD up to 50J
• Available in tape and reel for automatic insertion equipment
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant
• AEC-Q200 qualified Grade




Similar Part No. - AVYL

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
AVY SEI-AVY Datasheet
1Mb / 6P
Automotive SMD Varistor
08/19/2019
AVY14K0805G201N SEI-AVY14K0805G201N Datasheet
1Mb / 6P
Automotive SMD Varistor
08/19/2019
AVY14K0805K201N SEI-AVY14K0805K201N Datasheet
1Mb / 6P
Automotive SMD Varistor
08/19/2019
AVY14K0805T201N SEI-AVY14K0805T201N Datasheet
1Mb / 6P
Automotive SMD Varistor
08/19/2019
AVY14K1206G201N SEI-AVY14K1206G201N Datasheet
1Mb / 6P
Automotive SMD Varistor
08/19/2019
More results


Similar Description - AVYL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D6921ZOV110RA04 ETC2-D6921ZOV110RA04 Datasheet
39Kb / 2P
14mm Varistor Radial Leaded
logo
Littelfuse
V3.5MLA0603NHAUTO LITTELFUSE-V3.5MLA0603NHAUTO Datasheet
729Kb / 8P
MLA Automotive Varistor Series
logo
KOA Speer Electronics, ...
NV73DL2ATTE27 KOA-NV73DL2ATTE27 Datasheet
295Kb / 2P
multilayer type metal oxide varistor (automotive)
logo
AVX Corporation
VC0015 AVX-VC0015 Datasheet
191Kb / 1P
Automotive Varistor for Automotive Applications
logo
Schurter Inc.
AVTT SCHURTER-AVTT_V01 Datasheet
885Kb / 6P
Radial Leaded Varistor
10.12.2013
logo
Stackpole Electronics, ...
AVY SEI-AVY Datasheet
1Mb / 6P
Automotive SMD Varistor
08/19/2019
CVH SEI-CVH Datasheet
258Kb / 4P
Medium Voltage Leaded Varistor
08/09/2019
CV_SERIES SEI-CV_SERIES Datasheet
1Mb / 7P
Low and Medium Voltage Leaded Varistor
08/21/2019
SV_SERIES SEI-SV_SERIES Datasheet
230Kb / 5P
Special Medium Voltage Leaded Varistor
08/28/2019
ZVL SEI-ZVL Datasheet
1Mb / 6P
Low Voltage Leaded Varistor
02/15/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com