Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVL Datasheet (PDF) - Stackpole Electronics, Inc.

ZVL Datasheet PDF - Stackpole Electronics, Inc.
Part # ZVL
Download  ZVL Download
File Size   1383.26 Kbytes
Page   6 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Low Voltage Leaded Varistor

ZVL Datasheet (PDF)

Go To PDF Page Download Datasheet
ZVL Datasheet PDF - Stackpole Electronics, Inc.

Part # ZVL
Download  ZVL Click to download

File Size   1383.26 Kbytes
Page   6 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Low Voltage Leaded Varistor

ZVL Datasheet (HTML) - Stackpole Electronics, Inc.


ZVL Product details

Description:

The ZVL Series of low voltage leaded multilayer varistors (MLVs) is designed to protect
sensitive electronic devices operating in the low voltage region against high voltage/current
surges. They offer excellent transient energy absorption due to improved energy volume
distribution and power dissipation. Low voltage MLVs cover a wide DC operating voltage
range from 14V to 56V.

Features:

• AC operating voltage (Vrms) from 11V to 40V
• DC operating voltage (Vdc) from 14V to 56V
• 5 model sizes available 5, 7, 10, 14, 20
• Available with straight or crimped leads
• Broad range of current and energy handling capabilities
• +125ºC continuous operating temperature (+150ºC for ZVYL)
• Dimensional and weight savings on PC board
• Bi-directional, lower clamping voltages than disc type varistors
• ZVYL high temperature product will have performance characteristics different from the ZVL.
Contact Stackpole for specific details.
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant
• AEC-Q200 qualified Grade 3

Applications:

• Suppression of inductive switching or other transient events at the circuit board level
• Provides on-board transient voltage protection for ICs and transistors
• Used to help achieve electromagnetic compliance of end products
• Replace larger TVS Zener diodes in many applications





Similar Description - ZVL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D6921ZOV110RA04 ETC2-D6921ZOV110RA04 Datasheet
39Kb / 2P
14mm Varistor Radial Leaded
PV150K4032T ETC2-PV150K4032T Datasheet
99Kb / 2P
Low Medium Voltage Plastic Encapsulated SMD Varistor
PV275K3225T ETC2-PV275K3225T Datasheet
99Kb / 2P
Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Schurter Inc.
AVTT SCHURTER-AVTT_V01 Datasheet
885Kb / 6P
Radial Leaded Varistor
10.12.2013
logo
Stackpole Electronics, ...
AVL SEI-AVL Datasheet
969Kb / 5P
Automotive Leaded Varistor
08/14/2019
CVH SEI-CVH Datasheet
258Kb / 4P
Medium Voltage Leaded Varistor
08/09/2019
CV_SERIES SEI-CV_SERIES Datasheet
1Mb / 7P
Low and Medium Voltage Leaded Varistor
08/21/2019
DV_SERIES SEI-DV_SERIES Datasheet
248Kb / 3P
Low & Medium Voltage SMD Varistor
08/22/2019
PV_SERIES SEI-PV_SERIES Datasheet
142Kb / 3P
Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
SV_SERIES SEI-SV_SERIES Datasheet
230Kb / 5P
Special Medium Voltage Leaded Varistor
08/28/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com