Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV_SERIES Datasheet (PDF) - Stackpole Electronics, Inc.

PV_SERIES Datasheet PDF - Stackpole Electronics, Inc.
Part # PV_SERIES
Download  PV_SERIES Download
File Size   142.31 Kbytes
Page   3 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Low & Medium Voltage Plastic Encapsulated SMD Varistor

PV_SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
PV_SERIES Datasheet PDF - Stackpole Electronics, Inc.

Part # PV_SERIES
Download  PV_SERIES Click to download

File Size   142.31 Kbytes
Page   3 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Low & Medium Voltage Plastic Encapsulated SMD Varistor

PV_SERIES Datasheet (HTML) - Stackpole Electronics, Inc.


PV_SERIES Product details

Description:

The PV Series is a line of surface mount plastic-encapsulated varistors designed
to protect electronic equipment against high voltage surges in the low and medium
voltage region. They offer direct SMD equivalents to 5 mm and 7 mm leaded disc
varistors. The thermoplastic encapsulation is non-flammable according to the
standard defined by UL94V-0. Terminations are tinned copper sheet.
PV varistors are designed exclusively for surface mounting and are available in
two model sizes. These transient voltage suppressors cover operating voltages
(Vrms) from 60V to 300V and feature maximum surge currents from 100A to 1200A.

Features:

• AC operating voltage (Vrms) from 60V to 300V
• DC operating voltage (Vdc) from 85V to 385V
• Insensitive to water cleaning procedures and to humidity according to the climate category 55/125/56
• +85ºC continuous operating temperature
• Non-flammable thermoplastic encapsulation case according to standard UL94V-0
• 2 model sizes available: 3225 and 4032
• Dimensional and weight savings on board
• Easily solderable tinned copper terminations
• UL1449, 3rd Ed. and CSA C22.2 certified
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - PV_SERIES

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
PV-SERIES VIGO-PV-SERIES Datasheet
696Kb / 2P
2.5 – 6.5 μm HgCdTe ambient temperature photovoltaic detectors
17/11/2020
More results


Similar Description - PV_SERIES

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ14MT0950KBA AVX-VJ14MT0950KBA Datasheet
435Kb / 10P
Glass Encapsulated SMD Varistor MLV
VJ15MA0160KBA AVX-VJ15MA0160KBA Datasheet
2Mb / 8P
Glass Encapsulated SMD Varistor MLV
logo
List of Unclassifed Man...
PV150K4032T ETC2-PV150K4032T Datasheet
99Kb / 2P
Low Medium Voltage Plastic Encapsulated SMD Varistor
PV275K3225T ETC2-PV275K3225T Datasheet
99Kb / 2P
Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
AVX Corporation
VJ14MT0950KBA AVX-VJ14MT0950KBA_17 Datasheet
456Kb / 12P
Glass Encapsulated SMD Varistor MLV
logo
Stackpole Electronics, ...
CVH SEI-CVH Datasheet
258Kb / 4P
Medium Voltage Leaded Varistor
08/09/2019
CV_SERIES SEI-CV_SERIES Datasheet
1Mb / 7P
Low and Medium Voltage Leaded Varistor
08/21/2019
DV_SERIES SEI-DV_SERIES Datasheet
248Kb / 3P
Low & Medium Voltage SMD Varistor
08/22/2019
SV_SERIES SEI-SV_SERIES Datasheet
230Kb / 5P
Special Medium Voltage Leaded Varistor
08/28/2019
ZVL SEI-ZVL Datasheet
1Mb / 6P
Low Voltage Leaded Varistor
02/15/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com