Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVH Datasheet (PDF) - Stackpole Electronics, Inc.

CVH Datasheet PDF - Stackpole Electronics, Inc.
Part # CVH
Download  CVH Download
File Size   258.21 Kbytes
Page   4 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Medium Voltage Leaded Varistor

CVH Datasheet (PDF)

Go To PDF Page Download Datasheet
CVH Datasheet PDF - Stackpole Electronics, Inc.

Part # CVH
Download  CVH Click to download

File Size   258.21 Kbytes
Page   4 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Medium Voltage Leaded Varistor

CVH Datasheet (HTML) - Stackpole Electronics, Inc.


CVH Product details

Description:
The CVH Series of transient surge suppressors is an extended version of CV Series of discshaped
varistors. The CVH Series consists of 7 mm, 10 mm, 14 mm, 20 mm and 23 mm sized
varistors of extremely high current and energy capabilities.
They provide the increased level of protection necessary for the transients expected in
telecommunication and AC power networks. AC operating voltage of these varistors
ranges from 60V to 550V.

Features:
• AC operating voltage (Vrms) from 60V to 550V
• DC operating voltage (Vdc) from 85V to 745
• Broad range of current and energy handling capability
• +85ºC continuous operating temperature
• 5 model sizes available from 7 mm to 23 mm
• Sizes 7 mm, 10 mm, 14 mm, 20 mm
• UL1449, 3rd Ed. and CSA C22.2 certified
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - CVH

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVH-731 CRYSTEKCRYSTAL-CVH-731_15 Datasheet
74Kb / 3P
Straight Multiplication
CVH-731_751 CRYSTEKCRYSTAL-CVH-731_751 Datasheet
570Kb / 3P
Straight Multiplication HCMOS VCXO
CVH-751AX-125.000 CRYSTEKCRYSTAL-CVH-751AX-125.000 Datasheet
570Kb / 3P
Straight Multiplication HCMOS VCXO
CVH-751AY-125.000 CRYSTEKCRYSTAL-CVH-751AY-125.000 Datasheet
570Kb / 3P
Straight Multiplication HCMOS VCXO
CVH-751AZ-125.000 CRYSTEKCRYSTAL-CVH-751AZ-125.000 Datasheet
570Kb / 3P
Straight Multiplication HCMOS VCXO
More results


Similar Description - CVH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D6921ZOV110RA04 ETC2-D6921ZOV110RA04 Datasheet
39Kb / 2P
14mm Varistor Radial Leaded
PV150K4032T ETC2-PV150K4032T Datasheet
99Kb / 2P
Low Medium Voltage Plastic Encapsulated SMD Varistor
PV275K3225T ETC2-PV275K3225T Datasheet
99Kb / 2P
Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Schurter Inc.
AVTT SCHURTER-AVTT_V01 Datasheet
885Kb / 6P
Radial Leaded Varistor
10.12.2013
logo
Stackpole Electronics, ...
AVL SEI-AVL Datasheet
969Kb / 5P
Automotive Leaded Varistor
08/14/2019
CV_SERIES SEI-CV_SERIES Datasheet
1Mb / 7P
Low and Medium Voltage Leaded Varistor
08/21/2019
DV_SERIES SEI-DV_SERIES Datasheet
248Kb / 3P
Low & Medium Voltage SMD Varistor
08/22/2019
PV_SERIES SEI-PV_SERIES Datasheet
142Kb / 3P
Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
SV_SERIES SEI-SV_SERIES Datasheet
230Kb / 5P
Special Medium Voltage Leaded Varistor
08/28/2019
ZVL SEI-ZVL Datasheet
1Mb / 6P
Low Voltage Leaded Varistor
02/15/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com