Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA2100BLV-T Datasheet (PDF) - STMicroelectronics

FDA2100BLV-T Datasheet PDF - STMicroelectronics
Part # FDA2100BLV-T
Download  FDA2100BLV-T Download
File Size   250.52 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 x 180 W / 1 x 300 W PWM digital input automotive power amplifier with built-in diagnostics features and step-up drive

FDA2100BLV-T Datasheet (PDF)

Go To PDF Page Download Datasheet
FDA2100BLV-T Datasheet PDF - STMicroelectronics

Part # FDA2100BLV-T
Download  FDA2100BLV-T Click to download

File Size   250.52 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 x 180 W / 1 x 300 W PWM digital input automotive power amplifier with built-in diagnostics features and step-up drive

FDA2100BLV-T Datasheet (HTML) - STMicroelectronics


FDA2100BLV-T Product details

Features
 AEC-Q100 qualified
 Integrated 105 dB D/A conversion
 I2S & TDM digital input (3.3/1.8 V)
 Input sampling frequency: 44.1kHz, 48 kHz,
96 kHz, 192 kHz
 Step-up driver included
 EMI control for FM/AM compatibility
 Dithering possibility
 Capable to operate down to 6 V (e.g.’start-stop’)
 6 V - 35 V operating range
 Low component count output low-pass filter
 Output low-pass filter included in the feedback
 Low radiation function (LRF)
 High output power capability
– 2 x 80 W/4 Ω @ 25 V, 1 kHz, 10% THD
– 2 x 140 W/4 Ω @ 35 V, 1 kHz, 10% THD
– 1 x 150 W/2 Ω @ 25 V, 1 kHz, 10% THD
 Full I2C bus driving (3.3/1.8 V):
– I2C bus digital diagnostics (including DC
and AC load detection); AC and DC
loudspeaker diagnostic
 Very flexible fault detection though integrated
diagnostic
 Protected against several kinds of
misconnections
 Offset detector (play or mute mode)
 Two independent short circuit protections
 Clipping detector
 C-MOS compatible enable pin (3.3/5 V)
 ESD protection
 Package: TQFP64 exposed pad up

Description
The FDA2100BLV is a new BCD technology dual
bridge class D amplifier, specially intended for car
radio applications.
Thanks to the BCD6-SOI (Silicon On Insulation)
technology it is possible to integrate a high
performance D/A converter together with powerful
MOSFET output amplifier working in class D, to
get an outstanding efficiency with respect to the
standard class AB.
The D/A conversion on board allows the
performance to reach an outstanding 110 dB S/N
ratio with 105 dB of dynamic range. The feedback
loop includes the output L-C low-pass filter,
allowing superior frequency response linearity
and lower distortion independently of the inductor
and capacitor quality.
A full diagnostics array communicates the status
of each speaker through the I2C bus. The
possibility to control the device by means of the
I2C bus makes FDA2100BLV very flexible.
Thanks to the solutions implemented to solve the
EMI problems, the device can be used in the
standard single DIN car-radio box together with
the tuner.
A built-in step-up driver allows up to 150 W output
power with the standard 14 V supply voltage.
The FDA2100BLV is moreover compliant to the
most recent OEM specifications for low voltage
operation (so called 'start-stop' battery profile
during engine stop), helping car manufacturers to
reduce the overall emissions and thus
contributing to environment protection.




Similar Part No. - FDA2100BLV-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDA2100LV ETC2-FDA2100LV Datasheet
2Mb / 2P
power amplifiers moving to the green zone
More results


Similar Description - FDA2100BLV-T

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD44130-FB CIRRUS-CRD44130-FB Datasheet
1Mb / 39P
20 W x 2 40 W x 1 PWM Amplifier Reference Design
logo
STMicroelectronics
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
TDA7801 STMICROELECTRONICS-TDA7801 Datasheet
214Kb / 8P
Digital input quad power amplifier with built-in diagnostics features
12-Sep-2008
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
01-Feb-2011
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
4 x 40 W multifunction quad power amplifier with built-in diagnostics features
11-Oct-2010
TDA7567PD STMICROELECTRONICS-TDA7567PD Datasheet
358Kb / 30P
4 x 50 W differential quad power amplifier with built-in diagnostics features
11-Dec-2009
logo
Texas Instruments
TAS5755M TI1-TAS5755M Datasheet
1Mb / 76P
2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
logo
STMicroelectronics
FDA802 STMICROELECTRONICS-FDA802 Datasheet
300Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
22-Aug-2017
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
04-Feb-2016
TDA7803A STMICROELECTRONICS-TDA7803A Datasheet
1Mb / 72P
High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
06-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com