Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR6P7C8 Datasheet (PDF) - STMicroelectronics

SR6P7C8 Datasheet PDF - STMicroelectronics
Part # SR6P7C8
Download  SR6P7C8 Download
File Size   238.55 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Stellar SR6 P7 line — 32-bit ArmR CortexR‑R52 automotive integration MCU 6x CortexR‑R52 cores, 20 MB NVM (2x 19.5 MB “OTA X2”) 8.2 MB RAM, with embedded virtualization, safety and security

SR6P7C8 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR6P7C8 Datasheet PDF - STMicroelectronics

Part # SR6P7C8
Download  SR6P7C8 Click to download

File Size   238.55 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Stellar SR6 P7 line — 32-bit ArmR CortexR‑R52 automotive integration MCU 6x CortexR‑R52 cores, 20 MB NVM (2x 19.5 MB “OTA X2”) 8.2 MB RAM, with embedded virtualization, safety and security

SR6P7C8 Datasheet (HTML) - STMicroelectronics


SR6P7C8 Product details

Features
■ AEC-Q100 automotive qualification on going
■ SR6 integration MCUs: – Have superior real-time and safe performance (with highest ASIL-D capability) – Bring HW based virtualization technology to MCUs for simplified multiple SW integrations at optimized performance – Have built-in fast and cost effective OTA reprogramming capability (with built-in dual image storage) – Offer high speed security cryptographic services, for example for network authentication Cores
■ 32-bit Arm® v8-R compliant CPU cores: – 6 Cortex®‑R52+ cores (4 of them with checker cores, 2 in split-lock configuration) allowing usage as either 6 cores (4 of them in lockstep configuration) or 5 cores (all of them in lockstep configuration), single precision FPU, new privilege level for real-time virtualization – 2 NEON extensions (for example SIMD, dual precision FPU)
■ 2 Cortex®‑M4 multipurpose accelerators (data move and [pre]-processing). One in lockstep configuration
■ 4 eDMA engines in lockstep configuration Memories
■ Up to 20 MB on-chip NVM non-volatile memory: – PCM (phase change memory) as non-volatile memory – 19.5 MB code NVM, with embedded memory replication for OTA (over- the-air) reprogramming with up to 2x 19.5 MB – 512 KB HSM dedicated code NVM
■ 640 KB data NVM (512 KB + 128 KB dedicated to HSM)
■ Up to 8400 KB on-chip general-purpose SRAM FPBGA 516 (25 x 25 mm) ●●●●●●●●●●●●●●●●●●●●●●●●●●●●●● ●●●●●●●●●●●●●●●●●●●●●●●●●●●●●● ●● ●● ●● ●● ●● ●● ●● ●●●●●●●●●●●●●●●●●●●● ●● ●● ●●●●●●●●●●●●●●●●●●●● ●● ●● ●● ●● ●● ●● ●● ●●●●●●●●●●●●●● ●● ●● ●● ●● ●●●●●●●●●●●●●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●●●●●● ●● ●● ●● ●● ●● ●●
■ ●●●●
■ ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●●●●●●●● ●● ●● ●● ●● ●● ●● ●●●●●●●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●●
■ ●●●●
■ ●● ●● ●● ●● ●● ●● ●●●●●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●●●●●●●●●●●●●● ●● ●● ●● ●● ●●●●●●●●●●●●●● ●● ●● ●● ●● ●● ●● ●● ●●●●●●●●●●●●●●●●●●●● ●● ●● ●●●●●●●●●●●●●●●●●●●● ●● ●● ●● ●● ●● ●● ●● ●●●●●●●●●●●●●●●●●●●●●●●●●●●●●● ●●●●●●●●●●●●●●●●●●●●●●●●●●●●●● FPBGA 292 (17 x 17 mm) ●●●●●●●●●●●●●●●●●●●● ●●●●●●●●●●●●●●●●●●●● ●● ●● ●● ●●●●●●●●●●●●●● ●● ●● ●●●●●●●●●●●●●● ●● ●● ●● ●● ●● ●● ●● ●●●●●● ●● ●● ●● ●●
■ ●●●●
■ ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●●●●●●●● ●● ●● ●● ●● ●●●●●●●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●● ●●
■ ●●●●
■ ●● ●● ●● ●● ●●●●●● ●● ●● ●● ●● ●● ●● ●● ●●●●●●●●●●●●●● ●● ●● ●●●●●●●●●●●●●● ●● ●● ●● ●●●●●●●●●●●●●●●●●●●● ●●●●●●●●●●●●●●●●●●●● Part number




Similar Part No. - SR6P7C8

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
SR6P-C11 IDEC-SR6P-C11 Datasheet
1Mb / 7P
Analog Timers
SR6P-M08G IDEC-SR6P-M08G Datasheet
1Mb / 7P
Analog Timers
logo
Macromatic Industrial C...
SR6P-M08G MACROMATIC-SR6P-M08G Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
logo
IDEC Corporation
SR6P-M11G IDEC-SR6P-M11G Datasheet
1Mb / 7P
Analog Timers
logo
Macromatic Industrial C...
SR6P-M11G MACROMATIC-SR6P-M11G Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
More results


Similar Description - SR6P7C8

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S36V18 CYPRESS-CYD18S36V18 Datasheet
63Kb / 2P
18-Mb/9-Mb/4-Mb x36/x18 FullFlex??Dual-Ports
logo
STMicroelectronics
STM32F205XX STMICROELECTRONICS-STM32F205XX_12 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
29-Oct-2012
STM32F217ZGT6 STMICROELECTRONICS-STM32F217ZGT6 Datasheet
3Mb / 173P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto, ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto,
29-Oct-2012
CD00237391 STMICROELECTRONICS-CD00237391 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
29-Oct-2012
STM32F205VCT6TR STMICROELECTRONICS-STM32F205VCT6TR Datasheet
2Mb / 178P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
04-Nov-2013
STM32F205VGT6 STMICROELECTRONICS-STM32F205VGT6 Datasheet
2Mb / 163P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
14-Jun-2011
STM32F215RGT6 STMICROELECTRONICS-STM32F215RGT6 Datasheet
3Mb / 173P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
29-Oct-2012
STM32F217IGT6 STMICROELECTRONICS-STM32F217IGT6 Datasheet
3Mb / 173P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
29-Oct-2012
STM32F217VGT6 STMICROELECTRONICS-STM32F217VGT6 Datasheet
2Mb / 175P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
04-Nov-2013
logo
Cypress Semiconductor
S6J3110 CYPRESS-S6J3110 Datasheet
359Kb / 4P
32bit ARMR CortexR-R5 CPU Core
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com