Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR6P7C8 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SR6P7C8
Description  Stellar SR6 P7 line — 32-bit ArmR CortexR‑R52 automotive integration MCU 6x CortexR‑R52 cores, 20 MB NVM (2x 19.5 MB “OTA X2”) 8.2 MB RAM, with embedded virtualization, safety and security
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR6P7C8 Datasheet(HTML) 4 Page - STMicroelectronics

  SR6P7C8 Datasheet HTML 1Page - STMicroelectronics SR6P7C8 Datasheet HTML 2Page - STMicroelectronics SR6P7C8 Datasheet HTML 3Page - STMicroelectronics SR6P7C8 Datasheet HTML 4Page - STMicroelectronics SR6P7C8 Datasheet HTML 5Page - STMicroelectronics SR6P7C8 Datasheet HTML 6Page - STMicroelectronics SR6P7C8 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Feature
SR6P7C8, SR6P7C4
CAN-XL
2
SPIQ (with LVDS channel)
10 (2)
Microsecond channel (MSC)
4
Microsecond channel plus (MSCP)
2
SENT
Unit
2
Channel/unit
15
I2C
2
PSI5
Unit
2
Channel/unit
1 channel
FlexRay (dual channel)
2
Gigabit ethernet IEEE 802.3-2008 compliant (with MII, RMII, RGMII, SGMII)
2
SIPI / LFAST interprocessor bus
2
Generic timer modules (GTM4)
GTM4154
1
High-resolution timer
2 x 8 ch
12-bit SAR analog converters
12
16-bit sigma-delta analog converters (units with DSPL)
12 (12)
9-bit SAR analog comparators
8
OctalSPI (support HyperBus™ memory devices)
Yes
SDMMC interface
No
Debug port
Main debug port (JTAG+SWD)
Yes
Secondary debug port (SWD)
Yes
High speed off-chip trace lane (multi GBit/s, Aurora™ protocol)
4
Max temperature (target)
Junction temperature
165 °C(1)
Packages
FPBGA 516
X
FPBGA 292
X
1. Nominal specification up to 150 °C. Delta specification up to 165 °C.
SR6P7C8, SR6P7C4
Description
DB4504 - Rev 5
page 4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com