Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR6P7C8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SR6P7C8
Description  Stellar SR6 P7 line — 32-bit ArmR CortexR‑R52 automotive integration MCU 6x CortexR‑R52 cores, 20 MB NVM (2x 19.5 MB “OTA X2”) 8.2 MB RAM, with embedded virtualization, safety and security
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR6P7C8 Datasheet(HTML) 1 Page - STMicroelectronics

  SR6P7C8 Datasheet HTML 1Page - STMicroelectronics SR6P7C8 Datasheet HTML 2Page - STMicroelectronics SR6P7C8 Datasheet HTML 3Page - STMicroelectronics SR6P7C8 Datasheet HTML 4Page - STMicroelectronics SR6P7C8 Datasheet HTML 5Page - STMicroelectronics SR6P7C8 Datasheet HTML 6Page - STMicroelectronics SR6P7C8 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
•
AEC-Q100 automotive qualification on going
•
SR6 integration MCUs:
–
Have superior real-time and safe performance (with highest ASIL-D
capability)
–
Bring HW based virtualization technology to MCUs for simplified multiple
SW integrations at optimized performance
–
Have built-in fast and cost effective OTA reprogramming capability (with
built-in dual image storage)
–
Offer high speed security cryptographic services, for example for
network authentication
Cores
•
32-bit Arm® v8-R compliant CPU cores:
–
6 Cortex®
‑R52+ cores (4 of them with checker cores, 2 in split-lock
configuration) allowing usage as either 6 cores (4 of them in lockstep
configuration) or 5 cores (all of them in lockstep configuration), single
precision FPU, new privilege level for real-time virtualization
–
2 NEON extensions (for example SIMD, dual precision FPU)
•
2 Cortex®
‑M4 multipurpose accelerators (data move and [pre]-processing).
One in lockstep configuration
•
4 eDMA engines in lockstep configuration
Memories
•
Up to 20 MB on-chip NVM non-volatile memory:
–
PCM (phase change memory) as non-volatile memory
–
19.5 MB code NVM, with embedded memory replication for OTA (over-
the-air) reprogramming with up to 2x 19.5 MB
–
512 KB HSM dedicated code NVM
•
640 KB data NVM (512 KB + 128 KB dedicated to HSM)
•
Up to 8400 KB on-chip general-purpose SRAM
FPBGA 516
(25 x 25 mm)
●●●●●●●●●●●●●●●●●●●●●●●●●●●●●●
●●●●●●●●●●●●●●●●●●●●●●●●●●●●●●
●●
●●
●●
●●
●●
●●
●●
●●●●●●●●●●●●●●●●●●●●
●●
●●
●●●●●●●●●●●●●●●●●●●●
●●
●●
●●
●●
●●
●●
●● ●●●●●●●●●●●●●● ●●
●●
●●
●● ●●●●●●●●●●●●●● ●●
●●
●●
●● ●●
●● ●●
●●
●●
●● ●●
●●●●●●
●● ●●
●●
●●
●● ●● ● ●●●● ● ●● ●●
●●
●●
●● ●● ●● ●● ●● ●● ●●
●●
●●
●● ●● ●●●●●●●● ●● ●●
●●
●●
●● ●● ●●●●●●●● ●● ●●
●●
●●
●● ●● ●● ●● ●● ●● ●●
●●
●●
●● ●● ● ●●●● ● ●● ●●
●●
●●
●● ●●
●●●●●●
●● ●●
●●
●●
●● ●●
●● ●●
●●
●●
●● ●●●●●●●●●●●●●● ●●
●●
●●
●● ●●●●●●●●●●●●●● ●●
●●
●●
●●
●●
●●
●●
●●●●●●●●●●●●●●●●●●●●
●●
●●
●●●●●●●●●●●●●●●●●●●●
●●
●●
●●
●●
●●
●●
●●
●●●●●●●●●●●●●●●●●●●●●●●●●●●●●●
●●●●●●●●●●●●●●●●●●●●●●●●●●●●●●
FPBGA 292
(17 x 17 mm)
●●●●●●●●●●●●●●●●●●●●
●●●●●●●●●●●●●●●●●●●●
●●
●●
●● ●●●●●●●●●●●●●● ●●
●● ●●●●●●●●●●●●●● ●●
●● ●●
●● ●●
●● ●●
●●●●●●
●● ●●
●● ●● ● ●●●● ● ●● ●●
●● ●● ●● ●● ●● ●● ●●
●● ●● ●●●●●●●● ●● ●●
●● ●● ●●●●●●●● ●● ●●
●● ●● ●● ●● ●● ●● ●●
●● ●● ● ●●●● ● ●● ●●
●● ●●
●●●●●●
●● ●●
●● ●●
●● ●●
●● ●●●●●●●●●●●●●● ●●
●● ●●●●●●●●●●●●●● ●●
●●
●●
●●●●●●●●●●●●●●●●●●●●
●●●●●●●●●●●●●●●●●●●●
Part number
Package
SR6P7C8
FPBGA 516
SR6P7C4
FPBGA 292
Stellar SR6 P7 line — 32-bit Arm® Cortex®
‑R52+ automotive integration MCU
6x Cortex®
‑R52+ cores, 20 MB NVM (2x 19.5 MB “OTA X2”)
8.2 MB RAM, with embedded virtualization, safety and security
SR6P7C8, SR6P7C4
Data brief
DB4504 - Rev 5 - October 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SR6P7C8

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
SR6P-C11 IDEC-SR6P-C11 Datasheet
1Mb / 7P
Analog Timers
SR6P-M08G IDEC-SR6P-M08G Datasheet
1Mb / 7P
Analog Timers
logo
Macromatic Industrial C...
SR6P-M08G MACROMATIC-SR6P-M08G Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
logo
IDEC Corporation
SR6P-M11G IDEC-SR6P-M11G Datasheet
1Mb / 7P
Analog Timers
logo
Macromatic Industrial C...
SR6P-M11G MACROMATIC-SR6P-M11G Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
More results

Similar Description - SR6P7C8

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S36V18 CYPRESS-CYD18S36V18 Datasheet
63Kb / 2P
18-Mb/9-Mb/4-Mb x36/x18 FullFlex??Dual-Ports
logo
STMicroelectronics
STM32F205XX STMICROELECTRONICS-STM32F205XX_12 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
29-Oct-2012
STM32F217ZGT6 STMICROELECTRONICS-STM32F217ZGT6 Datasheet
3Mb / 173P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto, ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto,
29-Oct-2012
CD00237391 STMICROELECTRONICS-CD00237391 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
29-Oct-2012
STM32F205VCT6TR STMICROELECTRONICS-STM32F205VCT6TR Datasheet
2Mb / 178P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
04-Nov-2013
STM32F205VGT6 STMICROELECTRONICS-STM32F205VGT6 Datasheet
2Mb / 163P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
14-Jun-2011
STM32F215RGT6 STMICROELECTRONICS-STM32F215RGT6 Datasheet
3Mb / 173P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
29-Oct-2012
STM32F217IGT6 STMICROELECTRONICS-STM32F217IGT6 Datasheet
3Mb / 173P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
29-Oct-2012
STM32F217VGT6 STMICROELECTRONICS-STM32F217VGT6 Datasheet
2Mb / 175P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
04-Nov-2013
logo
Cypress Semiconductor
S6J3110 CYPRESS-S6J3110 Datasheet
359Kb / 4P
32bit ARMR CortexR-R5 CPU Core
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com