Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA003OD-4WX Datasheet (PDF) - STMicroelectronics

STPA003OD-4WX Datasheet PDF - STMicroelectronics
Part # STPA003OD-4WX
Download  STPA003OD-4WX Download
File Size   455.54 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 52 W quad bridge power amplifier with high side driver and low voltage operation

STPA003OD-4WX Datasheet (PDF)

Go To PDF Page Download Datasheet
STPA003OD-4WX Datasheet PDF - STMicroelectronics

Part # STPA003OD-4WX
Download  STPA003OD-4WX Click to download

File Size   455.54 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 52 W quad bridge power amplifier with high side driver and low voltage operation

STPA003OD-4WX Datasheet (HTML) - STMicroelectronics


STPA003OD-4WX Product details

Features
 High output power capability:
– 4 x 52 W/4 Ω max.
– 4 x 30 W/4 Ω @ 14.4 V, 1 kHz, 10 %
– 4 x 85 W/2 Ω max.
– 4 x 55 W/2 Ω @ 14.4V, 1 kHz, 10 %
 MOSFET output power stage
 Capable to operate in low voltage conditions
(e.g.: “Start - Stop”)
 Excellent GSM noise immunity
 Excellent 2 Ω driving capability
 Hi-Fi class distortion
 Low output noise
 Standby function and mute function
 Automute at min. supply voltage detection
 Low external component count:
– Internally fixed gain (26 dB)
– No external compensation
– No bootstrap capacitors
 On board 0.4 A high side driver
 Protections:
– Output short circuit to GND, to Vs, across
the load
– Very inductive loads
– Overrating chip temperature with soft
thermal limiter
– Output DC offset detection
– Load dump voltage
– Fortuitous open GND
– Reversed battery
– ESD

Description
The STPA003 is a MOSFET class AB audio
power amplifier, designed for high-power car
radio. In addition to the outstanding output current
capability and distortion performance, the
STPA003 is extremely robust against several
kinds of fortuitous misconnection.
It is compliant to the most recent OEM
specifications for low voltage operation (the so
called 'start-stop' battery profile during engine
stop).
It includes a DC offset detector and, in
Flexiwatt27 package, a high side driver or a
clipping detector.




Similar Part No. - STPA003OD-4WX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STPA001 ETC2-STPA001 Datasheet
2Mb / 2P
power amplifiers moving to the green zone
logo
STMicroelectronics
STPA001 STMICROELECTRONICS-STPA001 Datasheet
638Kb / 26P
4 x 50 W MOSFET quad bridge power amplifier
27-Oct-2014
STPA001A STMICROELECTRONICS-STPA001A Datasheet
638Kb / 26P
4 x 50 W MOSFET quad bridge power amplifier
27-Oct-2014
STPA001AH STMICROELECTRONICS-STPA001AH Datasheet
638Kb / 26P
4 x 50 W MOSFET quad bridge power amplifier
27-Oct-2014
STPA001H STMICROELECTRONICS-STPA001H Datasheet
638Kb / 26P
4 x 50 W MOSFET quad bridge power amplifier
27-Oct-2014
More results


Similar Description - STPA003OD-4WX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
TDA75610DLVPD STMICROELECTRONICS-TDA75610DLVPD Datasheet
1Mb / 37P
4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
19-Sep-2014
TDA75610SLV STMICROELECTRONICS-TDA75610SLV Datasheet
928Kb / 42P
4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
15-Dec-2014
TDA75612LV STMICROELECTRONICS-TDA75612LV Datasheet
730Kb / 35P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA75616LV STMICROELECTRONICS-TDA75616LV Datasheet
713Kb / 36P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
18-Sep-2014
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
25-May-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com