Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7569BDLVPDTR Datasheet (PDF) - STMicroelectronics

TDA7569BDLVPDTR Datasheet PDF - STMicroelectronics
Part # TDA7569BDLVPDTR
Download  TDA7569BDLVPDTR Download
File Size   719.15 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation

TDA7569BDLVPDTR Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7569BDLVPDTR Datasheet PDF - STMicroelectronics

Part # TDA7569BDLVPDTR
Download  TDA7569BDLVPDTR Click to download

File Size   719.15 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation

TDA7569BDLVPDTR Datasheet (HTML) - STMicroelectronics


TDA7569BDLVPDTR Product details

Features
 Multipower BCD technology
 MOSFET output power stage
 DMOS power output
 Differential input
 Class SB high efficiency
 High output power capability:
– 4x28 W/4 Ω @ 14.4 V, f = 1 kHz, 10% THD
– 4x50 W/2 Ω @ 14.4 V, f = 1 kHz, 10% THD
 Max power 4 x 75 W / 2 Ω
 Full I2C bus driving:
– Standby
– Independent front/rear soft play/mute
– Selectable gain 26 dB /16 dB (for low noise
line output function)
– High efficiency enable/disable
– I2C bus digital diagnostics (including DC
bus AC load detection)
 Fault detection through integrated diagnostics
 DC offset detection
 Four independent short circuit protection
 Clipping detector pin with selectable threshold
(2 %/10 %)
 Standby/mute pin
 Linear thermal shutdown with multiple thermal
warning
 ESD protection
 Very robust against any kind of misconnection
 Improved SVR suppression during battery
transients
 Capable to play down to 6 V (e.g. “Start-stop”)

Description
The TDA7569BDLVPD is the most advanced
BCD technology quad bridge car radio amplifier,
including a wide range of innovative features.
The TDA7569BDLVPD is equipped with the most
complete diagnostics array that communicates
the status of each speaker through the I2C bus.
The differential input stage improves the
disturbance rejection.
The dissipated output power under average
listening condition is significantly reduced when
compared to the conventional class AB solutions,
thanks to the innovative internal design. Moreover
it has been designed to be very robust against
several kinds of misconnections.
It is moreover compliant to the most recent OEM
specifications for low voltage operation (so called
'start-stop' battery profile during engine stop),
helping car manufacturers to reduce the overall
emissions and thus contributing to environment
protection.




Similar Part No. - TDA7569BDLVPDTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA7569BDLV ETC2-TDA7569BDLV Datasheet
2Mb / 2P
power amplifiers moving to the green zone
More results


Similar Description - TDA7569BDLVPDTR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
logo
STMicroelectronics
TDA7567PD STMICROELECTRONICS-TDA7567PD Datasheet
358Kb / 30P
4 x 50 W differential quad power amplifier with built-in diagnostics features
11-Dec-2009
FDA801B STMICROELECTRONICS-FDA801B Datasheet
249Kb / 11P
4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
13-Nov-2015
STPA003 STMICROELECTRONICS-STPA003 Datasheet
455Kb / 25P
4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
21-Jan-2020
TDA75610DLVPD STMICROELECTRONICS-TDA75610DLVPD Datasheet
1Mb / 37P
4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
19-Sep-2014
TDA75610SLV STMICROELECTRONICS-TDA75610SLV Datasheet
928Kb / 42P
4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
15-Dec-2014
TDA75612LV STMICROELECTRONICS-TDA75612LV Datasheet
730Kb / 35P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA75616LV STMICROELECTRONICS-TDA75616LV Datasheet
713Kb / 36P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA7577BLV STMICROELECTRONICS-TDA7577BLV Datasheet
816Kb / 43P
2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
13-Jan-2015
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
25-May-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com