Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7577BLVPD Datasheet (PDF) - STMicroelectronics

TDA7577BLVPD Datasheet PDF - STMicroelectronics
Part # TDA7577BLVPD
Download  TDA7577BLVPD Download
File Size   816.25 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and

TDA7577BLVPD Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7577BLVPD Datasheet PDF - STMicroelectronics

Part # TDA7577BLVPD
Download  TDA7577BLVPD Click to download

File Size   816.25 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and

TDA7577BLVPD Datasheet (HTML) - STMicroelectronics


TDA7577BLVPD Product details

Features
 MOSFET (DMOS) output power stage
 High-efficiency (class SB)
 Single-channel 1 Ω driving capability
– 84 W undistorted power
 High output power capability 2 x 28 W / 4 Ω @
14.4 V, 1 kHz, 10 % THD
 Max. output power 2 x 75 W / 2 Ω,
1 x 150 W / 1 Ω
 Full I2C bus driving with 4 addresses
 Low voltage (6 V) operation (i.e. 'start-stop')
 Gain 16/26 dB
 Full digital diagnostic (AC and DC loads)
 Legacy mode (operation without I2C)
 Differential inputs
 Fault detection through integrated diagnostics
 DC offset detection
 Two independent short circuit protections
 Diagnostic on clipping detector with selectable
threshold (2 % / 10 %)
 Clipping detector pin
 ST-BY and MUTE pins
 ESD protection
 Very robust against misconnections

Description
The TDA7577BLV is a new MOSFET dual bridge
amplifier specially intended for car radio
applications. Thanks to the DMOS output stage
the TDA7577BLV has a very low distortion
allowing a clear powerful sound, together with
high output power capability.
It is a very flexible device capable to support the
most demanding specifications in terms of power
dissipation and battery transitions: its superior
efficiency performance, coming from the internal
exclusive structure, can reduce the dissipated
output power up to the 50 % (when compared to
conventional class AB solutions). Moreover it is
compliant to the recent OEM specifications
thanks to the capability to work down to 6 V
('start-stop' compatibility).
This device is also equipped with a full diagnostic
array that communicates the status of each
speaker through the I2C bus. TDA7577BLV can
also drive 1 Ω loads (with parallel connection of
the outputs).
It is possible also to exclude the I2C bus interface,
controlling the device by means of the usual STBY
and MUTE pins.




Similar Part No. - TDA7577BLVPD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA7577LV ETC2-TDA7577LV Datasheet
2Mb / 2P
power amplifiers moving to the green zone
More results


Similar Description - TDA7577BLVPD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7575B STMICROELECTRONICS-TDA7575B Datasheet
521Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
30-Oct-2007
logo
NXP Semiconductors
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
logo
STMicroelectronics
STA541SA STMICROELECTRONICS-STA541SA Datasheet
613Kb / 26P
2 x 20 W dual bridge amplifier
02-Apr-2012
logo
Texas Instruments
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
logo
STMicroelectronics
TDA75610DLVPD STMICROELECTRONICS-TDA75610DLVPD Datasheet
1Mb / 37P
4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
19-Sep-2014
TDA75610SLV STMICROELECTRONICS-TDA75610SLV Datasheet
928Kb / 42P
4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
15-Dec-2014
TDA75612LV STMICROELECTRONICS-TDA75612LV Datasheet
730Kb / 35P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA75616LV STMICROELECTRONICS-TDA75616LV Datasheet
713Kb / 36P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
18-Sep-2014
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
25-May-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com