Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7577BLVPD Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7577BLVPD
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLVPD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7577BLVPD Datasheet HTML 6Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 7Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 8Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 9Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 10Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 11Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 12Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 13Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Electrical specifications
TDA7577BLV
10/43
DocID025375 Rev 5
EIN1
Output noise voltage gain 1
Rg = 600 Ω; Gv = 26 dB
filter 20 to 22 kHz
-45
60
μV
EIN2
Output noise voltage gain 2
Rg = 600 Ω; Gv = 16 dB
filter 20 to 22 kHz
-20
30
μV
BW
Power bandwidth
(-3 dB)
100
-
-
kHz
CMRR
Input CMRR
VCM = 1 Vpk-pk; Rg = 0 Ω
55
70
-
dB
ΔVOITU ITU Pop filter output voltage
Standby to Mute and
Mute to Standby transition
ITU-R 2K, Csvr = 10 μF
-7.5
-
+7.5
mV
Mute to Play transition:
Low gain
High gain
ITU-R 2K (2)
-7.5
-12
-
-
+7.5
+12
mV
mV
Play to Mute transition
Low gain
High gain
ITU-R 2K (3)
-7.5
-12
-
-
+7.5
+12
mV
mV
Clip detector
ICDH
Clip pin high leakage current
CD off, 0 V < VCD < 5.5 V
-5
-
5
μA
ICDL
Clip pin low sink current
CD on; VCD < 300 mV
1
-
-
mA
CD
Clip detect THD level
D0 (IB1) = 0
1
2
3
%
D0 (IB1) = 1
5
10
15
%
Control pin characteristics
VOFF
ST-BY pin for standby (4)
-
0
-
1.2
V
VSB
ST-BY pin for standard bridge
-
2.6
-
5
V
VHE
ST-BY pin for Hi-eff
-
7
-
18
V
IO (ST-BY)
ST-BY pin current
1.2 V < Vst-by/HE < 18 V
-
150
200
μA
ST-BY pin current
Vstby < 1.2 V
-
1
5
μA
Vm
Mute pin voltage for mute mode
-
0
-
1
V
Mute pin voltage for play mode
-
2.6
-
18
V
Im
Mute pin current (st_by)
Vmute = 0 V, Vst-by < 1.2 V
-5
-
5
μA
Mute pin current (operative)
0 V < Vmute < 18 V, Vst-by > 2.6 V
-
60
100
μA
VI2C
I2C pin voltage for I2C disabled
-
0
-
1.5
V
I2C pin voltage for I2C enabled
-
2.5
-
18
V
II2C
I2C pin current (standby)
0 V < I2C EN < 18 V, Vstby < 1.2 V
-5
-
5
μA
I2C pin current (operative)
I2C EN <18 V, Vst-by>2.6 V
7
13
18
μA
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com