Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7577BLVPD Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7577BLVPD
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLVPD Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7577BLVPD Datasheet HTML 18Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 19Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 20Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 21Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 22Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 23Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 24Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 25Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Diagnostics functional description
TDA7577BLV
22/43
DocID025375 Rev 5
4.5
Multiple faults
When more misconnections are simultaneously in place at the audio outputs, it is
guaranteed that at least one of them is initially read out. The others are notified after
successive cycles of I2C reading and faults removal, provided that the diagnostic is enabled.
This is true for both kinds of diagnostic (Turn on and Permanent).
The table below shows all the couples of double-fault possible. It should be taken into
account that a short circuit with the 4 Ω speaker unconnected is considered as double fault.
In Permanent Diagnostic the table is the same, with only a difference concerning Open
Load(*), which is not among the recognizable faults. Should an Open Load be present
during the device's normal working, it would be detected at a subsequent Turn on
Diagnostic cycle (i.e. at the successive car radio turn-on).
4.6
Fault presence information availability on I2C
All the results coming from I2C bus, by read operations, are the consequence of
measurements inside a defined period of time. If the fault is stable throughout the whole
period, it will be sent out. This is true for DC diagnostic (Turn-on and Permanent), for offset
detector.
To guarantee always resident functions, every kind of diagnostic cycles (turn-on,
Permanent, Offset) will be reactivated after any I2C reading operation. Each I2C read-out
done by the microcontroller will enable a new diagnostic cycle, but the read data will come
from the previous diagnostic cycle (i.e. The device is in turn-on state, with a short to GND,
then the short is removed and micro reads I2C. The short to GND is still present in bytes,
because it is the result of the previous cycle. If another I2C reading operation occurs, the
bytes do not show the short). In general to observe a change in diagnostic bytes, two I2C
reading operations are necessary.
Table 5. Double fault table for turn on diagnostic
S. GND
S. Vs
S. Across L.
Open L.
S. GND
S. GND
S. Vs + S. GND
S. GND
S. GND
S. Vs
/
S. Vs
S. Vs
S. Vs
S. Across L.
/
/
S. Across L.
N.A.
Open L.
/
/
/
Open L. (*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com