Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7577BLVPD Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7577BLVPD
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLVPD Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7577BLVPD Datasheet HTML 26Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 27Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 28Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 29Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 30Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 31Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 32Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 33Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Software specifications
TDA7577BLV
30/43
DocID025375 Rev 5
10
Software specifications
All the functions of the TDA7577BLV are activated by I2C interface.
The bit 0 of the "ADDRESS BYTE" defines if the next bytes are write instruction (from μP to
TDA7577BLV) or read instruction (from TDA7577BLV to μP).
If R/W = 0, the μP sends 2 "Instruction Bytes": IB1 and IB2.
Table 6. Address selection
Bit
Selection
A6
1
A5
1
A4
0
A3
1
A2
0
A1
B
A0
A
R/W
X
Table 7. IB1
Bit
Instruction decoding bit
D7
Supply voltage mute high threshold (D7 = 1)
Supply voltage mute low threshold (D7 = 0)
D6
Diagnostic enable (D6 = 1)
Diagnostic defeat (D6 = 0)
D5
Offset Detection enable (D5 = 1)
Offset Detection defeat (D5 = 0)
D4
Gain = 26 dB (D4 = 0)
Gain = 16 dB (D4 = 1)
D3
0
D2
Mute (D2 = 0)
Unmute (D2 = 1)
D1
0
D0
CD 2% (D0 = 0)
CD 10% (D0 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com