Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7577BLVPD Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7577BLVPD
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLVPD Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7577BLVPD Datasheet HTML 23Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 24Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 25Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 26Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 27Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 28Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 29Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 30Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
DocID025375 Rev 5
27/43
TDA7577BLV
Application suggestions
42
8
Application suggestions
8.1
High efficiency introduction
Thanks to its operating principle, the TDA7577BLV obtains a substantial reduction of power
dissipation from traditional class-AB amplifiers without being affected by the massive
radiation effects and complex circuitry normally associated with class-D solutions.
The high efficiency operating principle is based on the use of bridge structures which are
connected by means of a power switch (Figure 1). The switch, controlled by a logic circuit
which senses the input signals, is closed at low volumes (output power steadily lower than
2.5 W) and the system acts like a "single bridge" with double load. In this case, the total
power dissipation is a quarter of a double bridge.
Due to its structure, the highest efficiency level can be reached when symmetrical loads are
applied on channels sharing the same switch.
Figure 36. High efficiency - basic structure
When the power demand increases to more than 2.5 W, the system behavior is switched
back to a standard double bridge in order to guarantee the maximum output power, while in
the 6 V start-stop devices the High Efficiency mode is automatically disabled at low VCC
(7.3 V ±0.3 V). No need to re-program it when Vcc goes back to normal levels.
In the range 2-4 W (@ VCC = 14.4 V), with the High Efficiency mode, the dissipated power
gets up to 50 % less than the value obtained with the standard mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com