Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7577BLVPD Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7577BLVPD
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLVPD Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7577BLVPD Datasheet HTML 31Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 32Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 33Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 34Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 35Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 36Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 37Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 38Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
DocID025375 Rev 5
35/43
TDA7577BLV
Package information
42
A5
-
0.2
-
-
0.0079
-
a1
0.03
-
-0.04
0.0012
-
-0.0016
b
0.22
-
0.38
0.0087
-
0.0150
c
0.23
-
0.32
0.0091
-
0.0126
D(1)
15.8
-
16.0
0.6220
-
0.6299
D1
9.4
-
9.8
0.3701
-
0.3858
D2
-
1.0
-
-
0.0394
-
E
13.9
-
14.5
0.5472
-
0.5709
E1(1)
10.9
-
11.1
0.4291
-
0.4370
E2
-
-
2.9
-
-
0.1142
E3
5.8
-
6.2
0.2283
-
0.2441
E4
2.9
-
3.2
0.1142
-
0.1260
e
-
0.65
-
-
0.0256
-
e3
-
11.05
-
-
0.4350
-
G
0
-
0.075
0
-
0.0031
H
15.5
-
15.900
0.6102
-
0.6260
h
-
-
1.1
-
-
0.0433
L
0.8
-
1.1
0.0315
-
0.0433
N
-
-
10°
-
-
10°
s-
-
8°
-
-
8°
1. ‘D’ and ‘E1’ do not include mold flash or protusions.
Mold flash or protusions shall not exceed 0.15mm (0.006”).
Table 11. PowerSO-36 (slug up) package mechanical data (continued)
Symbol
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com