Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7577BLVPD Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7577BLVPD
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLVPD Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7577BLVPD Datasheet HTML 22Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 23Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 24Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 25Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 26Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 27Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 28Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 29Page - STMicroelectronics TDA7577BLVPD Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
I2C mode and legacy mode selection
TDA7577BLV
26/43
DocID025375 Rev 5
7
I2C mode and legacy mode selection
It is possible to disable the I2C interface by acting on I2C EN pin and control the
TDA7577BLV by means of the usual ST-BY and MUTE pins. In order to activate or
deactivate this feature, I2C-EN must be set as follows:
I2C-EN (PIN16) < 1.5 V:
–I2C bus interface deactivated
I2C-EN (PIN16) > 2.5 V:
–I2C bus interface activated
(It is also possible to let I2C-EN PIN floating to deactivate the I2C bus interface, or to short to
VCC to activate I2C).
In particular:
When I2C is ENABLED: (I2C-EN pin > 2.5 V) then there are the following modes:
STD MODE: Vstby (PIN5) > 2.6 V, IB2(D1)=0
HE MODE: Vstby (PIN5) > 2.6 V, IB2(D1)=1
PLAY MODE: Vmute (pin 4) > 2.6 V, IB1 (D2) = 1
The amplifier can always be switched off by putting Vstby to 0V, but with I2C enabled it can
be turn on only through I2C (with Vstby > 2.6 V).
When I2C is DISABLED: (I2C pin < 1.5 V) then there are the following modes:
STD MODE: 2.6 V < ST-BY (PIN5) < 5 V
HE MODE: Vstby (PIN5) > 7 V
PLAY MODE: Vmute (pin 4) > 2.6 V
For both STD and HE MODE the play/mute mode can be set acting on Vmute pin.
In legacy mode (I2C disabled), faults (diagnostics information) are available on HW pin CD-
Out. CD-Out pin is active on a low value [CD-Out low = fault detected]. The faults detected
are: short to ground or VCC, short across the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com