Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7901-ZST Datasheet (PDF) - STMicroelectronics

TDA7901-ZST Datasheet PDF - STMicroelectronics
Part # TDA7901-ZST
Download  TDA7901-ZST Download
File Size   216.62 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High efficiency digital input automotive quad power amplifier with built-in diagnostics features, Class-G integrated, ’start stop’ compatible

TDA7901-ZST Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7901-ZST Datasheet PDF - STMicroelectronics

Part # TDA7901-ZST
Download  TDA7901-ZST Click to download

File Size   216.62 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High efficiency digital input automotive quad power amplifier with built-in diagnostics features, Class-G integrated, ’start stop’ compatible

TDA7901-ZST Datasheet (HTML) - STMicroelectronics


TDA7901-ZST Product details

Features
• AEC-Q100 qualification ongoing
• 24-bit resolution
• High Resolution Bandwidth support:
– Up to 40 kHz (I2S 96 kHz) with attenuation [0 dB, -2 dB]
– Up to 80 kHz (I2S 192 kHz) with attenuation [0 dB, -2 dB]
• 117 dB dynamic range (A-weighted)
• Real-time load current monitoring
• Voltage monitoring feature on I2C
• High Efficiency SB-I (SB-Improved) and Class-G operation
• 1 Ω driving capability
• High output power capability:
– 4 x 27 W 4Ω@ 14.4 V, 1 kHz, THD = 10 %
– 4 x 47 W 2Ω@ 14.4 V, 1 kHz, THD = 10 %
• Flexible mode control:
– Full I2C bus driving (1.8 V/3.3 V) with eight addresses selectable
– Independent front/rear play/mute
– Selectable digital gains
– Very low noise
– Digital diagnostic with DC and AC load Detections
– Digital diagnostic with OL and OD in play
– Current Offset Detection
• EMI compliance evaluated following normative CISPR25
• Start-stop compatibility (operation down to 4.5 V)
• Sample rates: 44.1 kHz, 48 kHz, 96 kHz, 192 kHz
• Flexible serial data port (1.8 V/3.3 V):
– I2S standard, TDM 4Ch, TDM 8Ch, TDM 16Ch
• Output Voltage Offset Detector
• Independent front/rear clipping detector
• Programmable diagnostic pin
• CMOS compatible enable pin
• Thermal protection
• Pop free in mute to play transitions and vice versa

Description
The TDA7901 is a single-chip quad-bridge amplifier in advanced BCD technology
integrating: a full D/A converter, digital input for direct connection to I2S (or TDM) and
powerful MOSFET output stages.
The integrated D/A converter allows the performance to reach an outstanding 117 dB
S/N ratio with more than 117 dB of dynamic range. Moreover the TDA7901 integrates
an innovative high efficiency concept, optimized also for uncorrelated music signals.
The device implements class G operation mode.
Thanks to this concept, the dissipated “output power” under average listening
conditions can be reduced more than the standard class AB devices. The TDA7901
also integrates a programmable PLL that is able to lock at the input frequencies of
64*Fs for all the input configurations.
The device is equipped with a full and advanced diagnostics array that communicates
the status of each speaker through the I2C bus. DIM (Digital-Impedance-Meter)
function allows to measure the value of the load. The same I2C bus allows to control
several configurations of the device.
The TDA7901 is able to play music down to 4.5 V supply voltage thus it is compatible
with the so-called 'start stop' battery profile. Several car makers adopt 'Start stop'
feature to reduce the fuel consumption and the impact over the environment.
Moreover, TDA7901 guarantees EMI outstanding performance, in line with the
CISPR25-restrictive standard requirement.




Similar Part No. - TDA7901-ZST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7910 STMICROELECTRONICS-TDA7910 Datasheet
85Kb / 5P
MEDIUM POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIER
Mar-1994
More results


Similar Description - TDA7901-ZST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
4x40W multifunction quad power amplifier with built-in diagnostics features
18-Dec-2006
TDA7801 STMICROELECTRONICS-TDA7801 Datasheet
214Kb / 8P
Digital input quad power amplifier with built-in diagnostics features
12-Sep-2008
TDA7803A STMICROELECTRONICS-TDA7803A Datasheet
1Mb / 72P
High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
06-Sep-2022
TDA7808 STMICROELECTRONICS-TDA7808 Datasheet
777Kb / 39P
High efficiency digital input automotive quad power amplifier, start stop compatible
15-Jan-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com