Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet (PDF) - STMicroelectronics

L9945 Datasheet PDF - STMicroelectronics
Part # L9945
Download  L9945 Download
File Size   1557.61 Kbytes
Page   151 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems

L9945 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9945 Datasheet PDF - STMicroelectronics

Part # L9945
Download  L9945 Click to download

File Size   1557.61 Kbytes
Page   151 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems

L9945 Datasheet (HTML) - STMicroelectronics


L9945 Product details

Features
• AEC-Q100 qualified
• 12 V and 24 V battery systems compliance
• 3.3 V and 5 V logic compatible I/O
• 8-channel configurable MOSFET pre-driver
– High-side (N-channel and P-channel MOS)
– Low-side (N-channel MOS)
– H-bridge (up to 2 H-bridge)
– Peak & Hold (2 loads)
• Operating battery supply voltage 3.8 V to 36 V
• Operating VDD supply voltage 4.5 V to 5.5 V
• All device pins, except the ground pins, withstand at least 40 V
• Programmable gate charge/discharge currents for improving EMI behavior
• Individual diagnosis for:
– Short circuit to battery
– Open load
– Short circuit to ground
• Highly flexible overcurrent sensing implementation
– Possibility of monitoring external MOS drain to source voltage
– Possibility of monitoring voltage on external shunt resistor
– 64 programmable overcurrent thresholds independent for each channel
– Ultra-fast output shutdown in case of overcurrent
• Current limitation for H-Bridge configuration
• 32-bit SPI protocol available for configuration and diagnostics
– Failures latched even if they occur during diagnostics reading
– Daisy chain operation
– SDO protected against overvoltage
• Safety features
– Fast switch off redundant output disable through two external pins
– Built In Self Test (BIST) for logic operation
– Hardware Self Check (HWSC) for VDD5 overvoltage comparator
– Configurable Communication Check (CC) watchdog timer available
– Disable feedback through bi-directional pin
– Highly redundant output monitoring through dedicated SPI registers
• 10-bit ADC for battery and die temperature measurements available through SPI
• VDD5 monitoring for over/under voltage
• VPS (battery) monitoring for under voltage
• ISO26262 systems compatible

Description
The L9945 is an 8-channel MOSFET pre-driver configurable for low-side, high-side,
peak and hold and H-Bridge load control. It is designed to comply with the
requirements of 12 V (passenger vehicle) and 24 V (commercial vehicle) battery
systems.
All outputs can be PWM controlled. Six outputs are capable of driving safety relevant
loads. One output can be dedicated to the actuation of safety relevant loads requiring
a dedicated enable pin (EN6).
The device offers the possibility of controlling two independent H-Bridges.
The device can also drive up to two loads requiring "peak & hold" control strategy.
The driver outputs are protected against short circuit condition.
The device protects the external MOS in case of an overcurrent event.
Each output provides full diagnostic information such as short to battery, short to
ground and open-load. Each output status can be constantly monitored through
dedicated SPI registers.
The voltage slew rate of the external transistors 1-8 is controlled during turn ON and
turn OFF in order to improve EMI behavior.
A double, redundant, external disable source is available through DIS and NDIS pins
in order to improve safety.
The device is configurable via SPI through a 32-bit protocol.




Similar Part No. - L9945

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9945 STMICROELECTRONICS-L9945 Datasheet
5Mb / 144P
Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
19-May-2025
L9945TR STMICROELECTRONICS-L9945TR Datasheet
5Mb / 144P
Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
19-May-2025
L9945 STMICROELECTRONICS-L9945_V01 Datasheet
5Mb / 144P
Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
19-May-2025
More results


Similar Description - L9945

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5T035AKTR-E STMICROELECTRONICS-VND5T035AKTR-E Datasheet
683Kb / 31P
Double channel high-side driver with analog current sense for 24 V automotive applications
13-Mar-2012
VND5T100AJTR-E STMICROELECTRONICS-VND5T100AJTR-E Datasheet
533Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
08-Mar-2011
VND5T100AJ-E STMICROELECTRONICS-VND5T100AJ-E Datasheet
533Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
08-Mar-2011
logo
Freescale Semiconductor...
MCZ33937AEK FREESCALE-MCZ33937AEK Datasheet
679Kb / 48P
Fully specified from 8.0 to 40 V covers 12 and 24 V automotive systems
logo
STMicroelectronics
VND5T035AK-E STMICROELECTRONICS-VND5T035AK-E Datasheet
717Kb / 31P
Double channel high-side driver with analog current sense for 24 V automotive applications
18-Sep-2013
VND5T050AKTR-E STMICROELECTRONICS-VND5T050AKTR-E Datasheet
772Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
VND5T100LAJ-E STMICROELECTRONICS-VND5T100LAJ-E Datasheet
790Kb / 38P
Double channel high-side driver with analog current sense for 24 V automotive applications
23-Aug-2016
logo
Maxim Integrated Produc...
MAX22200EVKIT MAXIM-MAX22200EVKIT Datasheet
888Kb / 12P
Configurable for High-Side/Low-Side Solenoid Driver
Rev 0; 4/21
logo
Infineon Technologies A...
2ED2410-EM INFINEON-2ED2410-EM Datasheet
5Mb / 49P
12 V/24 V smart analog high-side MOSFET gate driver
Rev.2.00 2022-07-11
logo
STMicroelectronics
VNF1048F STMICROELECTRONICS-VNF1048F Datasheet
2Mb / 52P
High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
27-May-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com