Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 2 Page - STMicroelectronics

  L9945 Datasheet HTML 1Page - STMicroelectronics L9945 Datasheet HTML 2Page - STMicroelectronics L9945 Datasheet HTML 3Page - STMicroelectronics L9945 Datasheet HTML 4Page - STMicroelectronics L9945 Datasheet HTML 5Page - STMicroelectronics L9945 Datasheet HTML 6Page - STMicroelectronics L9945 Datasheet HTML 7Page - STMicroelectronics L9945 Datasheet HTML 8Page - STMicroelectronics L9945 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 151 page
background image
Description
The L9945 is an 8-channel MOSFET pre-driver configurable for low-side, high-side,
peak and hold and H-Bridge load control. It is designed to comply with the
requirements of 12 V (passenger vehicle) and 24 V (commercial vehicle) battery
systems.
All outputs can be PWM controlled. Six outputs are capable of driving safety relevant
loads. One output can be dedicated to the actuation of safety relevant loads requiring
a dedicated enable pin (EN6).
The device offers the possibility of controlling two independent H-Bridges.
The device can also drive up to two loads requiring "peak & hold" control strategy.
The driver outputs are protected against short circuit condition.
The device protects the external MOS in case of an overcurrent event.
Each output provides full diagnostic information such as short to battery, short to
ground and open-load. Each output status can be constantly monitored through
dedicated SPI registers.
The voltage slew rate of the external transistors 1-8 is controlled during turn ON and
turn OFF in order to improve EMI behavior.
A double, redundant, external disable source is available through DIS and NDIS pins
in order to improve safety.
The device is configurable via SPI through a 32-bit protocol.
L9945
DS12275 - Rev 8
page 2/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com