Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 31Page - STMicroelectronics L9945 Datasheet HTML 32Page - STMicroelectronics L9945 Datasheet HTML 33Page - STMicroelectronics L9945 Datasheet HTML 34Page - STMicroelectronics L9945 Datasheet HTML 35Page - STMicroelectronics L9945 Datasheet HTML 36Page - STMicroelectronics L9945 Datasheet HTML 37Page - STMicroelectronics L9945 Datasheet HTML 38Page - STMicroelectronics L9945 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 151 page
background image
Note:
since current limitation makes use of shunt sensing, the blanking time programmed for CH3/CH7 has no effect in
detection timings. The blanking time has only effect on FETs using DSM.
Figure 18. Current limitation iterations (until OC failure)
tBLANK_HB
toff
ILIM_th
(CH3/7)
OC_th
(CH4/8)
tBLANK_HB
t
tOC
NON1/5
(NPWM)
OC Failure
toff
HBx_ILIM
Internal
NPWM
tBLANK_HB
0A
0s
toc
Ch4/8
toc
Ch3/7
CH3/7
CH4/8
tOC
freewheeling
OC Failure
Running Timers
toc
toff
tBLANK_HB
Current through
Load and Rshunt
Current through
Load only
Current through
Rshunt only
GAPG0102161522CFT
When current limitation threshold is reached for the first time, a dedicated HBx_ILIM latch is set, indicating that
current limitation function has been activated. This latch is cleared on SPI readout.
The OFF time interval for current limitation (tOFF) is selectable via SPI according to HBx_toff bit:
L9945
H-Bridge
DS12275 - Rev 8
page 35/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com