Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 2Page - STMicroelectronics L9945 Datasheet HTML 3Page - STMicroelectronics L9945 Datasheet HTML 4Page - STMicroelectronics L9945 Datasheet HTML 5Page - STMicroelectronics L9945 Datasheet HTML 6Page - STMicroelectronics L9945 Datasheet HTML 7Page - STMicroelectronics L9945 Datasheet HTML 8Page - STMicroelectronics L9945 Datasheet HTML 9Page - STMicroelectronics L9945 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 151 page
background image
Note:
When using channel 6, the EN6 input must be set high to enable the output driver.
The LS/HS configuration is suitable for driving whatever high-side/low-side loads as:
•
Lamps (any channel);
•
ON/OFF electrovalves (any channel);
•
Any safety relevant load (channel 6 has dedicated EN6 enable input);
•
Lambda probe heater (any channel);
•
Limp home functionalities or not safety related loads (channels 7 and 8 not affected by external disable
input).
2.2
Peak & Hold
The device can handle up to two peak & hold loads. There are two possible configurations which can co-exist:
•
P&H1: it involves channels 1 (HS) and 4 (LS) and can be selected through the PH1_config bit
•
P&H2: it involves channels 2 (HS) and 3 (LS) and can be selected through the PH2_config bit
Once a peak & hold configuration is selected through its config bit, the corresponding output channels are
automatically configured according to the pre-determined transistor side. The FET type for the High-Side can be
selected through its N_P_config_xx bit.
Figure 5. Example of peak & hold configuration with NMOS (HS) on channel 1 and NMOS (LS) on channel
4
GADG2402171042PS
BATT12
HS NMOS
LS NMOS
DRN1
VBATT
GNSP1
SNGP1
RG
RPD
CM
RM
M1
RSH
GND
DFW
CBATT
DRN4
GNSP4
SNGP4
RG
RPD
CM
RM
M4
RSH
DZFB
DFB
PGND34
GND
GND
CESD
GND
OUT4
OUT1
CESD
RFB
VBATT
BATT34
L9945
Peak & Hold
DS12275 - Rev 8
page 6/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com