Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 78 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 74Page - STMicroelectronics L9945 Datasheet HTML 75Page - STMicroelectronics L9945 Datasheet HTML 76Page - STMicroelectronics L9945 Datasheet HTML 77Page - STMicroelectronics L9945 Datasheet HTML 78Page - STMicroelectronics L9945 Datasheet HTML 79Page - STMicroelectronics L9945 Datasheet HTML 80Page - STMicroelectronics L9945 Datasheet HTML 81Page - STMicroelectronics L9945 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 151 page
background image
[11:9] TBLANK_OC_01: When DSM is selected, it specifies the OC blanking time to allow VDS settling. When Rshunt is selected, it
only determines the assertion of the 'No OC failure' diagnostic code (once expired).
000: 11.1 µs
001: 15.6 µs
010: 20 µs
011: 31.1 µs
100: 42.2 µs
101: 53.3 µs
110: 97.8 µs
111: 142.2 µs
Reset: 000
Reset Condition: POR, NRES
[8] PROT_CONFIG_01: Output re-engagement strategy. Specifies how channel reactivation must be performed following an OC
event
0: output re-engagement with control signal switching event
1: output re-engagement after diagnostic readout and control signal switching event
Reset: 0
Reset Condition: POR, NRES
[7] OC_DS_SHUNT_01: Configures the output measure OC with shunt or by DSM
0: OC with DSM
1: OC with Shunt
Reset: 0
Reset Condition: POR, NRES
[6] DIAG_I_CONFIG_01: CH1 OL regulator output current capability
0: 100 µA capability
1: 1 mA capability
Reset: 0
Reset Condition: POR, NRES
[5:4] GCC_CONFIG_01: Selection of gate charge/discharge currents
00: Lim by ext resistor
01: 20 mA
10: 5 mA
11: 1 mA
Reset: 00
Reset Condition: POR, NRES
[3] N_P_CONFIG_01: NMOS or PMOS option for HS configuration
0: LS configuration
1: HS configuration
Reset: 0
Reset Condition: POR, NRES
[2] LS_HS_CONFIG_01: Configures the channel as LS or HS
0: LS configuration
1: HS configuration
Reset: 0
Reset Condition: POR, NRES
L9945
SPI MOSI/MISO list
DS12275 - Rev 8
page 78/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com