Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 39Page - STMicroelectronics L9945 Datasheet HTML 40Page - STMicroelectronics L9945 Datasheet HTML 41Page - STMicroelectronics L9945 Datasheet HTML 42Page - STMicroelectronics L9945 Datasheet HTML 43Page - STMicroelectronics L9945 Datasheet HTML 44Page - STMicroelectronics L9945 Datasheet HTML 45Page - STMicroelectronics L9945 Datasheet HTML 46Page - STMicroelectronics L9945 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 151 page
background image
Table 28. SPI electrical characteristics
Symbol
Parameter
Comment
Min.
Max.
Unit
fSCK
Clock frequency (50% duty cycle)
SPI works for all frequencies
0
5
MHz
tsdo_trans
SDO Rise and Fall time
20 pF to 150 pF load
5
35
ns
tclh
Minimum time SCLK=HIGH
-
75
-
ns
tcll
Minimum time SCLK=LOW
-
75
-
ns
tpcld
Propagation delay – incl. Rise/Fall time (SCLK to data
at SDO active)
150 pF load
-
50
ns
tcsdv
NCS = LOW to output SDO active
150 pF load
-
90
ns
tsclch
SCLK low before NCS low (setup time SCLK to NCS
change H/L)
-
75
-
ns
SCLK change L/H after NCS = low
thclcl_app
SCLK change L/H after NCS = low
-
600
-
ns
tscld
SDI input setup time (SCLK change H/L after SDI data
valid)
-
15
-
ns
thcld
SDI input hold time (SDI data hold after SCLK change
H/L)
-
15
-
ns
tsclcl
SCLK low before NCS high
-
100
-
ns
thclch
SCLK high after NCS high
-
100
-
ns
tpchdz
NCS L/H to SDO @ high impedance
-
-
75
ns
tonNCS
NCS min. high time
Minimum high time between two
consecutive commands
400
-
ns
CIN_SPI
Input capacitance at SDI; SDO; SCLK; NCS
-
-
10
pF
tfNCS
NCS Filter time (Pulses ≤ tfNCS will be ignored)
-
10
40
ns
VSDOH
High output level
ISDO = -2 mA
VIO - 0.4 V
-
V
VSDOL
Low output level
ISDO = 3.2 mA
-
0.4
V
ISDO_Leak
Three state leakage current
NCS = HIGH;
0 < VSDO ≤ VIO – 0.3 V
-5
15
µA
NCS = HIGH;
VSDO = VIO
2
30
µA
SDO protection; 0 V < VIO < 36 V; 0 < VSDO < 36 V; all voltages are independent
VOV_SDO
Over voltage detection threshold at SDO output
-
VIO + 0.05 VIO + 0.2
V
tOV_SDO_fil
Overvoltage detection analog filter time
-
100
700
ns
tOFF_PROT_OV Overvoltage detection HS turn OFF/ON time at SDO
-
0.5
5
μs
IOVpeak_SDO_HS
Maximum possible peak reverse current at SDO HS
before protection Turn Off
VSDO = 36 V; VIO = 3 V; limited by
RDSON only
90
250
mA
Communication Check
tCC
Communication Timeout
DIS/NDIS released after NRES
release.
55
85
ms
tCC_INIT
Deadline for the first communication engagement
DIS/NDIS released before NRES
release.
110
165
ms
L9945
Serial Peripheral Interface (SPI)
DS12275 - Rev 8
page 43/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com