Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 68 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 64Page - STMicroelectronics L9945 Datasheet HTML 65Page - STMicroelectronics L9945 Datasheet HTML 66Page - STMicroelectronics L9945 Datasheet HTML 67Page - STMicroelectronics L9945 Datasheet HTML 68Page - STMicroelectronics L9945 Datasheet HTML 69Page - STMicroelectronics L9945 Datasheet HTML 70Page - STMicroelectronics L9945 Datasheet HTML 71Page - STMicroelectronics L9945 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 151 page
background image
COMMAND 9
Frame partitioning
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
C
FIXED_PATTERN
Description:
Diagnostic pulses
[31:28] C: Command 9
1001
[27] R/W: Bit to read/write configuration
0: Write & request read
1: Request read only
[26:17] FIXED_PATTERN
0101010101
[16] DIAG_OFF_PULSE_08: Diagnostic OFF pulse request on CH8
0: no pulse
1: OFF pulse
[15] DIAG_OFF_PULSE_07: Diagnostic OFF pulse request on CH7
0: no pulse
1: OFF pulse
[14] DIAG_OFF_PULSE_06: Diagnostic OFF pulse request on CH6
0: no pulse
1: OFF pulse
[13] DIAG_OFF_PULSE_05: Diagnostic OFF pulse request on CH5
0: no pulse
1: OFF pulse
[12] DIAG_OFF_PULSE_04: Diagnostic OFF pulse request on CH4
0: no pulse
1: OFF pulse
[11] DIAG_OFF_PULSE_03: Diagnostic OFF pulse request on CH3
0: no pulse
1: OFF pulse
[10] DIAG_OFF_PULSE_02: Diagnostic OFF pulse request on CH2
0: no pulse
1: OFF pulse
L9945
SPI MOSI/MISO list
DS12275 - Rev 8
page 68/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com