Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 38Page - STMicroelectronics L9945 Datasheet HTML 39Page - STMicroelectronics L9945 Datasheet HTML 40Page - STMicroelectronics L9945 Datasheet HTML 41Page - STMicroelectronics L9945 Datasheet HTML 42Page - STMicroelectronics L9945 Datasheet HTML 43Page - STMicroelectronics L9945 Datasheet HTML 44Page - STMicroelectronics L9945 Datasheet HTML 45Page - STMicroelectronics L9945 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 151 page
background image
Figure 20. Daisy chain and parallel operation
single chain
two devises in one daisy chain
three devises in one daisy chain
shift register
shift register
SDI
uC
CLK
NCS1 NCS2 NCS3
IC C: L9945
IC B: L9945
IC A: L9945
NCS1
CLK
NCS1 CLK
NCS1
CLK
NCS1: low for 96 clocks CLK
writes into IC A-IC C
reads from IC A-IC C
IC D: L9945
NCS2 CLK
NCS2: low for 64 clocks CLK
writes into IC D -E
reads from IC D -E
IC E: L9945
NCS2
CLK
NCS3: low for 32
clocks CLK
writes into IC F
reads from IC F
SDO
IC F: L9945
NCS3
CLK
SDI
SDO
SDI
SDI
SDO
SDO
SDI
SDO
SDI
SDO
SDI
SDO
shift register
shift register
shift register
shift register
shift register
GAPG0102161614CFT
Figure 21. Data transfer in daisy chain operation
master SDI
NCS1
CLK
SDO device 3
SDI device 3
SDO device 2
SDI device 2
SDO device 1
SDI device 1
master SDO
GADG2802171135PS
5.9.4
SPI electrical characteristics signal and the timing diagram
This section contains the electrical characteristics of the SPI signal and the timing diagram.
Note:
Tj = Tj_op; VVPS_UV < VVPS < 60 V, all supplies are independent; 4.5 V < VDD5 < 5.5 V; 3.0 V < VIO < 5.5 V,
unless otherwise noted.
L9945
Serial Peripheral Interface (SPI)
DS12275 - Rev 8
page 42/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com