Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 33Page - STMicroelectronics L9945 Datasheet HTML 34Page - STMicroelectronics L9945 Datasheet HTML 35Page - STMicroelectronics L9945 Datasheet HTML 36Page - STMicroelectronics L9945 Datasheet HTML 37Page - STMicroelectronics L9945 Datasheet HTML 38Page - STMicroelectronics L9945 Datasheet HTML 39Page - STMicroelectronics L9945 Datasheet HTML 40Page - STMicroelectronics L9945 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 151 page
background image
5.6.2
Peak & Hold diagnostics
When in peak & hold configuration, diagnostic is performed independently on each channel, as if a low-side or
high-side configuration was applied. The external microcontroller monitoring the device must properly combine
the diagnostic information of the high-side channel to the one read on the low-side channel in order to determine
the eventual fault type. Refer to Table 36 for the diagnostic codes.
5.6.3
ON state diagnostics
ON state diagnostic latches are updated only when both channels are switched ON, that is, only when the current
is supposed to actually flow in the load. In case an OC event occurs on a channel while the other is switched OFF,
OC protection is triggered and the external FET is protected, but the diagnostic code of that channel is not
updated. OC event will be eventually confirmed once both channels are switched ON (OC or OC pin will be
reported).
When in peak & hold configuration, L9945 protects the external FET against overcurrent as in the HS/LS
configuration. However, an additional diagnostic code is available for this configuration:
•
If an overcurrent event occurs while the output is switching ON (tblank_oc timer still running), an OC pin
failure is stored in the diagnostic latches → code "000"
•
If an overcurrent event occurs while the output is fully ON (tblank_oc timer expired), an OC failure is stored
in the diagnostic latches → code "001"
In order to detect a short across the load (SCL) failure, when an OC/OC pin event occurs simultaneously on HS
and LS, an OC pin failure is latched for both sides.
5.6.4
OFF state diagnostics
When both HS and LS are commanded OFF by the control signal, an intentional open load occurs on both load
pins (refer to Internal regulator for open load (OL) detection). In order to avoid false OL detection, OL fault is
masked in this condition. The diagnostic code reported in such case can be selected by programming the
PHx_diag_strategy bit:
•
If PHx_diag_strategy = 0, "No OL/STG/STB failure" is reported → code "110";
•
If PHx_diag_strategy = 1, "No diagnostic done" is reported → code "111".
OL detection is guaranteed in case HS and LS have different states. In normal HS/LS configuration, the OFF
diagnostic filter timer tDIAG is started every time a channel is switched OFF. In peak & hold configuration, two
additional events generate a start condition for tDIAG:
•
HS OFF, LS OFF → ON;
•
LS OFF, HS OFF → ON.
Therefore, an eventual OL fault is detected as soon as one of the two transistor is switched ON (after tDIAG)
While HS is in the OFF state, if the voltage on the load node rises above VOL, the fast discharge current is
activated to prevent false STB detection (refer to OFF state diagnostics and Fast charge/discharge currents).
Referring to Figure 19, Table 24 shows the possible faults in peak & hold configuration, along with the diagnostic
strategy. Refer to Table 36 for the diagnostic codes.
Note:
Table 24 has been compiled under the assumption of all channels starting from "No failure" state (100). Such
state is reached during normal operation of the circuit when no failure has been detected by both OFF and ON
state diagnostics. Therefore, the diagnostic strategy can be applied if at least one ON/OFF switching cycle has
been completed without failures. In case the starting state was "No diagnostic done", the "No failure" state can
be replaced with "No OL/STG/STB failure" (110) for OFF state diagnostics and with "No OC failure" (101) for ON
state diagnostics. Diagnostic codes follow a priority concept. Diagnostic latches are reset in case of NRES/POR
assertion or in case of SPI readout. Refer to Diagnostics overview to understand priority and FSM algorithm.
L9945
Peak & Hold
DS12275 - Rev 8
page 37/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com