Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 8Page - STMicroelectronics L9945 Datasheet HTML 9Page - STMicroelectronics L9945 Datasheet HTML 10Page - STMicroelectronics L9945 Datasheet HTML 11Page - STMicroelectronics L9945 Datasheet HTML 12Page - STMicroelectronics L9945 Datasheet HTML 13Page - STMicroelectronics L9945 Datasheet HTML 14Page - STMicroelectronics L9945 Datasheet HTML 15Page - STMicroelectronics L9945 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 151 page
background image
Pin #
Pin Name
Pin type PU/PD Active State HBM ESD (1)
Description
41
CH3
A
I/O
NA
NA
2 kV
1st node for flying capacitor 2
39
CH4
A
I/O
NA
NA
2 kV
2nd node for flying capacitor 2
37
GNDCP
G
NA
NA
NA
2 kV
Ground for charge pump. Must be shorted to GNDIO
Other pins
44
RESERVED
D
I
NA
NA
2 kV
Tie low
48
RESERVED NA NA
NA
NA
2 kV
Leave floating
34
RESERVED NA NA
NA
NA
2 kV
Leave floating
46
RESERVED NA NA
NA
NA
2 kV
Leave floating
33
RESERVED NA NA
NA
NA
2 kV
Leave floating
1. See Table 4and Figure 8.
L9945
Pin names and functions
DS12275 - Rev 8
page 12/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com