Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 51Page - STMicroelectronics L9945 Datasheet HTML 52Page - STMicroelectronics L9945 Datasheet HTML 53Page - STMicroelectronics L9945 Datasheet HTML 54Page - STMicroelectronics L9945 Datasheet HTML 55Page - STMicroelectronics L9945 Datasheet HTML 56Page - STMicroelectronics L9945 Datasheet HTML 57Page - STMicroelectronics L9945 Datasheet HTML 58Page - STMicroelectronics L9945 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 151 page
background image
[14:13] OC_TEMP_COMP_03: Over current detection with temperature compensation (see note of Table 30. SPI MOSI list)
00: No OC compensation
01: ΔT < 60 °C
10: ΔT < 40 °C
11: ΔT < 25 °C
[12] OC_BATT_COMP_03: Over current detection with battery compensation
0: Battery compensation de-activated
1: Battery compensation activated
[11:9] TBLANK_OC_03: When DSM is selected, it specifies the OC blanking time to allow VDS settling. When Rshunt is selected, it
only determines the assertion of the 'No OC failure' diagnostic code (once expired).
000: 11.1 µs
001: 15.6 µs
010: 20 µs
011: 31.1 µs
100: 42.2 µs
101: 53.3 µs
110: 97.8 µs
111: 142.2 µs
[8] PROT_CONFIG_03: Output re-engagement strategy. Specifies how channel reactivation must be performed following an OC
event. This bit has no effect for H-Bridge configuration. Behavior in case of HB is always as PROT_CONFIG_03 = '1'.
Diagnostics latches have to be cleared in case of OC in order to re-activate the bridge.
0: output re-engagement with control signal switching event
1: output re-engagement after diagnostic readout and control signal switching event
[7] OC_DS_SHUNT_03: Configures the output measure OC with shunt or by DSM
0: OC with DSM
1: OC with Shunt
[6] DIAG_I_CONFIG_03: CH3 OL regulator output current capability
0: 100 µA capability
1: 1 mA capability
[5:4] GCC_CONFIG_03: Selection of gate charge/discharge currents
00: Lim by ext resistor
01: 20 mA
10: 5 mA
11: 1 mA
[3] N_P_CONFIG_03: NMOS or PMOS option for HS configuration
0: Output configured for NMOS
1: Output configured for PMOS
[2] LS_HS_CONFIG_03: Configures the channel as LS or HS
0: LS configuration
1: HS configuration
[1] EN_OUT_03: Enable output 03
0: Output disabled
1: Output enabled
L9945
SPI MOSI/MISO list
DS12275 - Rev 8
page 55/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com