Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 30Page - STMicroelectronics L9945 Datasheet HTML 31Page - STMicroelectronics L9945 Datasheet HTML 32Page - STMicroelectronics L9945 Datasheet HTML 33Page - STMicroelectronics L9945 Datasheet HTML 34Page - STMicroelectronics L9945 Datasheet HTML 35Page - STMicroelectronics L9945 Datasheet HTML 36Page - STMicroelectronics L9945 Datasheet HTML 37Page - STMicroelectronics L9945 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 151 page
background image
Figure 17. Current limitation timing diagram
GAPG0102161535CFT
tBLANK_HB
toff
ILIM_th
(CH3/7)
OC_th
(CH4/8)
tBLANK_HB
t
tOC
NON1/5
(NPWM)
OC Failure
toff
HBx_ILIM
Internal
NPWM
tBLANK_HB
0A
0s
toc
Ch4/8
toc
Ch3/7
CH4/8
CH3/7
Running Timers
toc
toff
tBLANK_HB
Current through
Load and Rshunt
Current through
Load only
Current through
Rshunt only
If the current stays above the programmed threshold (ILIM_th) longer than tOC, the H-bridge is driven into
freewheeling phase (active freewheeling or not, depending on HBx_AFW bit) for a programmable OFF time
(tOFF). During tOFF, high-side outputs are actively OFF but low-side outputs remain controlled according to DIR
and HBx_AFW values, performing a freewheeling action on the low-side.
Once tOFF expires, load current is compared against ILIM_th threshold:
•
In case load current is below ILIM_th, normal operation can continue (refer to Figure 17).
•
In case current is not below ILIM_th, the high-side channel is turned on for a tFIL_ON + tOC period and then
turned off for another tOFF time. Such operation continues until either the current decreases below ILIM_th or
the current reaches the overcurrent threshold and H-Bridge is three-stated (all FETs actively OFF, load
floating) (refer to Figure 18).
L9945
H-Bridge
DS12275 - Rev 8
page 34/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com