Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 13Page - STMicroelectronics L9945 Datasheet HTML 14Page - STMicroelectronics L9945 Datasheet HTML 15Page - STMicroelectronics L9945 Datasheet HTML 16Page - STMicroelectronics L9945 Datasheet HTML 17Page - STMicroelectronics L9945 Datasheet HTML 18Page - STMicroelectronics L9945 Datasheet HTML 19Page - STMicroelectronics L9945 Datasheet HTML 20Page - STMicroelectronics L9945 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 151 page
background image
Figure 10. Thermal impedance diagram
GADG2702170740PS
25
20
15
10
5
1.0E-05
1.0E-03
1.0E-01
Time (s)
1.0E+01
1.0E+03
4.4.1
Temperature ADC
An internal ADC monitors the junction temperature. Measure is available reading Temp_ADC[x] bit and applying
the following conversion law:
Eq. (1): Junction temperature conversion law
Tj= 0.28×CODE −65
(1)
The table below reports the electrical characteristics for the temperature ADC.
Note:
VVPS_UV < VVPS < 60 V, all supplies are independent; 4.5 V < VDD5 < 5.5 V; 3.0 V < VIO < 5.5 V, unless
otherwise noted.
Table 6. Temperature ADC electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ADC_res
Resolution
-
-
10
-
bit
fADC
Conversion rate
-
-
62.5
-
kHz
Tj_ADC_in
Temperature range
-
-40
-
190
°C
T_ACC
Temp accuracy
From -40 °C to 190 °C
-10
-
10
°C
L9945
Thermal behavior
DS12275 - Rev 8
page 17/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com