Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 100 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 96Page - STMicroelectronics L9945 Datasheet HTML 97Page - STMicroelectronics L9945 Datasheet HTML 98Page - STMicroelectronics L9945 Datasheet HTML 99Page - STMicroelectronics L9945 Datasheet HTML 100Page - STMicroelectronics L9945 Datasheet HTML 101Page - STMicroelectronics L9945 Datasheet HTML 102Page - STMicroelectronics L9945 Datasheet HTML 103Page - STMicroelectronics L9945 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 151 page
background image
RESPONSE 8
Frame partitioning
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
C
OC_CONFIG_08
Description
OUT8 configuration, P&H2 configuration, H-Bridge 2 enable
Reset:
0x88C00001
[31:28] C: Response to command 8
Reset: 1000
Reset Condition: POR, NRES
[27] R/W: Bit to read/write configuration
0: Write & request read
1: Request read only
Reset: 1
Reset Condition: POR, NRES
[26] HB2_CONFIG: Configures CH5-CH6-CH7-CH8 for H-bridge2 operation
0: Not H-bridge configured
1: CH5-CH8 configured as H-bridge
Reset: 0
Reset Condition: POR, NRES
[25] PH2_DIAG_STRATEGY: OL masking strategy to prevent false OL assertion in P&H2 configuration
0: "No OL/STG /STB" failure reported
1: "No diagnostic done" reported
Reset: 0
Reset Condition: POR, NRES
[24] PH2_CONFIG: Configures CH5-CH8 for Peak and Hold2 configuration
0: Peak and Hold2 not configured
1: Peak and Hold2 configured
Reset: 0
Reset Condition: POR, NRES
L9945
SPI MOSI/MISO list
DS12275 - Rev 8
page 100/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com