Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 102 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 98Page - STMicroelectronics L9945 Datasheet HTML 99Page - STMicroelectronics L9945 Datasheet HTML 100Page - STMicroelectronics L9945 Datasheet HTML 101Page - STMicroelectronics L9945 Datasheet HTML 102Page - STMicroelectronics L9945 Datasheet HTML 103Page - STMicroelectronics L9945 Datasheet HTML 104Page - STMicroelectronics L9945 Datasheet HTML 105Page - STMicroelectronics L9945 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 151 page
background image
[8] PROT_CONFIG_08: Output re-engagement strategy. Specifies how channel reactivation must be performed following an OC
event
0: output re-engagement with control signal switching event
1: output re-engagement after diagnostic readout and control signal switching event
Reset: 0
Reset Condition: POR, NRES
[7] OC_DS_SHUNT_08: Configures the output measure OC with shunt or by DSM
0: OC with DSM
1: OC with Shunt
Reset: 0
Reset Condition: POR, NRES
[6] DIAG_I_CONFIG_08: CH8 OL regulator output current capability
0: 100 µA capability
1: 1 mA capability
Reset: 0
Reset Condition: POR, NRES
[5:4] GCC_CONFIG_08: Selection of gate charge/discharge currents
00: Lim by ext resistor
01: 20 mA
10: 5 mA
11: 1 mA
Reset: 00
Reset Condition: POR, NRES
[3] N_P_CONFIG_08: NMOS or PMOS option for HS configuration
0: LS configuration
1: HS configuration
Reset: 0
Reset Condition: POR, NRES
[2] LS_HS_CONFIG_08: Configures the channel as LS or HS
0: LS configuration
1: HS configuration
Reset: 0
Reset Condition: POR, NRES
[1] EN_OUT_08: Enable output 08
0: Output disabled
1: Output enabled
Reset: 0
Reset Condition: POR, NRES
[0] PARITY: Parity bit, based on even parity calculation
0: If the number of 1 is odd
1: If the number of 1 is even
Reset: 0
Reset Condition: -
L9945
SPI MOSI/MISO list
DS12275 - Rev 8
page 102/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com