Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 105 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 101Page - STMicroelectronics L9945 Datasheet HTML 102Page - STMicroelectronics L9945 Datasheet HTML 103Page - STMicroelectronics L9945 Datasheet HTML 104Page - STMicroelectronics L9945 Datasheet HTML 105Page - STMicroelectronics L9945 Datasheet HTML 106Page - STMicroelectronics L9945 Datasheet HTML 107Page - STMicroelectronics L9945 Datasheet HTML 108Page - STMicroelectronics L9945 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 151 page
background image
[20, 12, 4] DIAG_04: Diagnostic information for CH4
diag_4[2] diag_4[1] diag_4[0]:
0 0 0: OC pin failure
0 0 1: OC failure
0 1 0: STG/STB failure
0 1 1: OL failure
1 0 0: no failure
1 0 1: No OC failure
1 1 0: No OL/STG/STB failure
1 1 1: no diagnostic done
Reset: 111
Reset Condition: Read out POR, NRES
[19, 11, 3] DIAG_03: Diagnostic information for CH3
diag_3[2] diag_3[1] diag_3[0]:
0 0 0: OC pin failure
0 0 1: OC failure
0 1 0: STG/STB failure
0 1 1: OL failure
1 0 0: no failure
1 0 1: No OC failure
1 1 0: No OL/STG/STB failure
1 1 1: no diagnostic done
Reset: 111
Reset Condition: Read out POR, NRES
[18, 10, 2] DIAG_02: Diagnostic information for CH2
diag_2[2] diag_2[1] diag_2[0]:
0 0 0: OC pin failure
0 0 1: OC failure
0 1 0: STG/STB failure
0 1 1: OL failure
1 0 0: no failure
1 0 1: No OC failure
1 1 0: No OL/STG/STB failure
1 1 1: no diagnostic done
Reset: 111
Reset Condition: Read out POR, NRES
L9945
SPI MOSI/MISO list
DS12275 - Rev 8
page 105/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com