Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 107 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 103Page - STMicroelectronics L9945 Datasheet HTML 104Page - STMicroelectronics L9945 Datasheet HTML 105Page - STMicroelectronics L9945 Datasheet HTML 106Page - STMicroelectronics L9945 Datasheet HTML 107Page - STMicroelectronics L9945 Datasheet HTML 108Page - STMicroelectronics L9945 Datasheet HTML 109Page - STMicroelectronics L9945 Datasheet HTML 110Page - STMicroelectronics L9945 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 151 page
background image
RESPONSE 10
Frame partitioning
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
C
Description:
BIST & HWSC result and device status
Note:
the value of DIS, NDIS and EN6 related bit depends on how the microcontroller drives such pins. The value of
POR and NRES related bit depends on which event caused the logic reset. The value of BIST and HWSC
related bit depends on which event caused the logic reset: self test sequence is not performed in case of POR.
In addition, the value of BIST_DONE and HWSC_DONE bit depends on the status of self test sequence at the
time instant where the read event occurs. The CC_LATCH is set in case the first SPI communication occurs
after the watchdog timer expired. The UV_DIS_LATCH and UV_VDD5_LATCH might be set at startup,
depending on the VDD5 ramp slope. It is strongly recommended to perform two consecutive SPI read via
COMMAND 10 in order to verify that the relevant faults (eventually latched during startup) are cleared.
[31:28] C: Response to command 10
Reset: 1010
Reset Condition: -
[27] R/W: Bit to read/write configuration
0: Write & request read
1: Request read only
Reset: 1
Reset Condition: POR, NRES
[26] EN6_LATCH: Shows if a deactivation via EN6 pin was detected since last read out (EN6 = LOW)
0: no disable via EN6 detected
1: disable via EN6 detected
Reset: X
Reset Condition: Read out POR
[25] EN6_STATE: Shows if channel 6 is currently disabled by the EN6 input
0: EN disabled
1: EN enabled
Reset: 0
Reset Condition: -
[24] OV_DIS_LATCH: Bit set to 1 (OV filtering expired) if VDD5 overvoltage disable was triggered since last read out (shows also if
OV occurs during Reset)
0: no OV disable condition detected
1: OV disable condition detected
Reset: 0
Reset Condition: -
L9945
SPI MOSI/MISO list
DS12275 - Rev 8
page 107/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com