Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 103 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 99Page - STMicroelectronics L9945 Datasheet HTML 100Page - STMicroelectronics L9945 Datasheet HTML 101Page - STMicroelectronics L9945 Datasheet HTML 102Page - STMicroelectronics L9945 Datasheet HTML 103Page - STMicroelectronics L9945 Datasheet HTML 104Page - STMicroelectronics L9945 Datasheet HTML 105Page - STMicroelectronics L9945 Datasheet HTML 106Page - STMicroelectronics L9945 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 151 page
background image
RESPONSE 9
Frame partitioning
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
C
Description:
OUT8 configuration, P&H2 configuration, H-Bridge 2 enable
Reset:
0x99FFFFFE
[31:28] C: Response to command 9
Reset: 1001
Reset Condition: POR, NRES
[27] R/W: Bit to read/write configuration
0: Write & request read
1: Request read only
Reset: 1
Reset Condition: POR, NRES
[26] HB2_ILIM: H-bridge 2 Current limitation latch
0: No current limitation active
1: Current limitation active
Reset: 0
Reset Condition: Read out POR, NRES
[25] HB1_ILIM: H-bridge 1 Current limitation latch
0: No current limitation active
1: Current limitation active
Reset: 0
Reset Condition: Read out POR, NRES
[24, 16, 8] DIAG_08: Diagnostic information for CH8
diag_8[2] diag_8[1] diag_8[0]:
0 0 0: OC pin failure
0 0 1: OC failure
0 1 0: STG/STB failure
0 1 1: OL failure
1 0 0: no failure
1 0 1: No OC failure
1 1 0: No OL/STG/STB failure
1 1 1: no diagnostic done
Reset: 111
Reset Condition: Read out POR, NRES
L9945
SPI MOSI/MISO list
DS12275 - Rev 8
page 103/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com